Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP210F Datasheet(PDF) 11 Page - Tyco Electronics

Part # VLP210F
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLP210F Datasheet(HTML) 11 Page - Tyco Electronics

Back Button VLP210F Datasheet HTML 7Page - Tyco Electronics VLP210F Datasheet HTML 8Page - Tyco Electronics VLP210F Datasheet HTML 9Page - Tyco Electronics VLP210F Datasheet HTML 10Page - Tyco Electronics VLP210F Datasheet HTML 11Page - Tyco Electronics VLP210F Datasheet HTML 12Page - Tyco Electronics VLP210F Datasheet HTML 13Page - Tyco Electronics VLP210F Datasheet HTML 14Page - Tyco Electronics VLP210F Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
181
RoHS Compliant, ELV Compliant
10
Fault Current (A)
100
10
1
0.10
0.01
0.001
0.1
10
1
100
A
A
Figure B22
miniSMDE
A=
miniSMDE190F
Fault Current (A)
100
10
1
0.10
0.01
1
10
100
A
A
B
B
C
C
D
D
E
E
Figure B21
SRP
A=
SRP120F
B=
SRP175F
C=
SRP200F
D=
SRP350F
E=
SRP420F
Figure B15-B22 Typical Time-to-trip Curves at 20°C for Strap Battery Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com