Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP210F Datasheet(PDF) 12 Page - Tyco Electronics

Part # VLP210F
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLP210F Datasheet(HTML) 12 Page - Tyco Electronics

Back Button VLP210F Datasheet HTML 8Page - Tyco Electronics VLP210F Datasheet HTML 9Page - Tyco Electronics VLP210F Datasheet HTML 10Page - Tyco Electronics VLP210F Datasheet HTML 11Page - Tyco Electronics VLP210F Datasheet HTML 12Page - Tyco Electronics VLP210F Datasheet HTML 13Page - Tyco Electronics VLP210F Datasheet HTML 14Page - Tyco Electronics VLP210F Datasheet HTML 15Page - Tyco Electronics VLP210F Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
182
RoHS Compliant, ELV Compliant
10
Test
Conditions
Resistance Change
Passive aging
-40°C, 1000 hours
±5%
60°C, 1000 hours
±20%
Humidity aging
60°C/95% RH, 1000 hours
±30%
Thermal shock
85°C, -40°C (10 times)
±5%
Vibration
MIL-STD-883D, Method 2026
No change
Lead material
0.125mm nominal thickness, quarter-hard nickel
Tape material
Polyester
VLR
Physical Characteristics
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
-40°C, 1000 hours
±5%
60°C, 1000 hours
±10%
Humidity aging
60°C/95% RH, 1000 hours
±10%
Thermal shock
85°C, -40°C (10 times)
±5%
Vibration
MIL-STD-883D, Method 2026
No change
Lead material
0.125mm nominal thickness, quarter-hard nickel
Tape material
Polyester
VLP and VTP
Physical Characteristics
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±10%
Humidity aging
85°C/85% RH, 7 days
±15%
Vibration
MIL-STD-883C, Test Condition A
No change
Lead material
0.125mm nominal thickness, quarter-hard nickel
Tape material
Polyester
LTP
Physical Characteristics
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
-40°C, 1000 hours
±5%
60°C, 1000 hours
±20%
Humidity aging
60°C/95% RH, 1000 hours
±30%
Thermal shock
85°C, -40°C (10 times)
±5%
Vibration
MIL-STD-883D, Method 2026
No change
Lead material
0.1mm nominal thickness, half-hard nickel
Coating material
Epoxy
MXP
Physical Characteristics
Environmental Specifications
Table B5 Physical Characteristics and Environmental Specifications for Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com