Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP210F Datasheet(PDF) 15 Page - Tyco Electronics

Part # VLP210F
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLP210F Datasheet(HTML) 15 Page - Tyco Electronics

Back Button VLP210F Datasheet HTML 8Page - Tyco Electronics VLP210F Datasheet HTML 9Page - Tyco Electronics VLP210F Datasheet HTML 10Page - Tyco Electronics VLP210F Datasheet HTML 11Page - Tyco Electronics VLP210F Datasheet HTML 12Page - Tyco Electronics VLP210F Datasheet HTML 13Page - Tyco Electronics VLP210F Datasheet HTML 14Page - Tyco Electronics VLP210F Datasheet HTML 15Page - Tyco Electronics VLP210F Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
185
RoHS Compliant, ELV Compliant
10
Installation Guidelines for the Strap Family
• PPTC devices operate by thermal expansion of the conductive polymer. If devices are placed under pressure or installed in spaces that
would prevent thermal expansion, they may not properly protect against damage caused by fault conditions. Designs must be selected in
such a manner that adequate space is maintained over the life of the product.
• Twisting, bending, or placing the PPTC device in tension will decrease the ability of the device to protect against damage caused by
electrical faults. No residual force should remain on device after installation. Mechanical damage to the PPTC device may affect device
performance and should be avoided.
• Chemical contamination of PPTC devices should be avoided. Certain greases, solvents, hydraulic fluids, fuels, industrial cleaning agents,
volatile components of adhesives, silicones, and electrolytes can have an adverse effect on device performance.
• PPTC strap devices are designed to be resistance welded to battery cells or to pack interconnect straps, yet some precautions must be
taken when doing so. In order for the PPTC device to exhibit its specified performance, weld placement should be a minimum of 2mm from
the edge of the PPTC device, weld splatter must not touch the PPTC device, and welding conditions must not heat the PPTC device above
its maximum operating temperature.
• PPTC strap devices are not designed for applications where reflow onto flex circuits or rigid circuit boards is required.
• The polyester tape on PPTC strap devices is intended for marking and indentification purposes only, not for electrical insulation.
• The coating on MXP devices is intended to prevent oxidization/aging of the devices. Damaging the coating or causing the coating to
delaminate can have negative effects on device performance and should be avoided.
• MXP devices have small PPTC chip size and therefore have weaker peel strength between polymer and Ni-foil of the chip. Excessive
mechanical force to the device may cause delamination of Ni-foil from polymer.
SRP
SRP120F
1,000
—
10,000
120
UL, CSA, TÜV
SRP120LF
1,000
—
10,000
120
UL, CSA, TÜV
SRP120SF
2,000
—
10,000
120
UL, CSA, TÜV
SRP175F
2,000
—
10,000
175
UL, CSA, TÜV
SRP175LF
1,000
—
10,000
175
UL, CSA, TÜV
SRP175SF
2,000
—
10,000
175
UL, CSA, TÜV
SRP200F
1,000
—
10,000
200
UL, CSA, TÜV
SRP350F
500
—
10,000
350
UL, CSA, TÜV
SRP420F
500
—
10,000
420
UL, CSA, TÜV
Part Number
Bag
Quantity
Tape & Reel
Quantity
Standard Package
Quantity
Part Marking
Agency Recognition
Agency Recognition for Strap Battery Devices
UL
File # E74889
CSA
File # 78165C
TÜV
Certificate number available on request
Table B6 Packaging and Marking Information/Agency Recognition for Strap Battery Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com