Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP100SF Datasheet(PDF) 1 Page - Tyco Electronics

Part # LTP100SF
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LTP100SF Datasheet(HTML) 1 Page - Tyco Electronics

  LTP100SF Datasheet HTML 1Page - Tyco Electronics LTP100SF Datasheet HTML 2Page - Tyco Electronics LTP100SF Datasheet HTML 3Page - Tyco Electronics LTP100SF Datasheet HTML 4Page - Tyco Electronics LTP100SF Datasheet HTML 5Page - Tyco Electronics LTP100SF Datasheet HTML 6Page - Tyco Electronics LTP100SF Datasheet HTML 7Page - Tyco Electronics LTP100SF Datasheet HTML 8Page - Tyco Electronics LTP100SF Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
171
10
Tyco
Electronics,
a
pioneer
of
polymeric
positive
temperature coefficient resettable devices, has developed
several material platforms to help protect battery
applications. Each of these material platforms offers
different
performance
characteristics,
allowing
the
engineer greater design flexibility. PolySwitch devices
for battery protection include SRP, LTP, LR4, VTP, VLP,
VLR and MXP series, disc, and special application strap
devices.
• Many material platforms and device form factors
give engineers more design flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Low resistance devices increase battery operating
time
• RoHS compliant
• Lead free versions of all devices are available
• Broad range of resettable devices available
• Current ratings from 0.7A to 13A
• Voltage ratings from 6V to 30V
• Agency recognition, UL, CSA, TÜV
• Fast time-to-trip
• Low resistance
• Mobile phone battery packs
• Cordless phone battery packs
• Mobile radio battery packs
• Computer battery packs
PolySwitch Resettable Devices
Strap Battery Devices
Benefits
Features
Applications
• Camcorder battery packs
• Portable music player battery packs
• Power tools (charge line)
10


Similar Part No. - LTP100SF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LTP100SF MACOM-LTP100SF Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - LTP100SF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
PolySwitch Resettable Devices Automotive Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
PolySwitch Resettable Devices
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
PolySwitch Resettable Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
PolySwitch Resettable Devices
LR4-970F LITTELFUSE-LR4-970F Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com