Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP100SF Datasheet(PDF) 2 Page - Tyco Electronics

Part # LTP100SF
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LTP100SF Datasheet(HTML) 2 Page - Tyco Electronics

  LTP100SF Datasheet HTML 1Page - Tyco Electronics LTP100SF Datasheet HTML 2Page - Tyco Electronics LTP100SF Datasheet HTML 3Page - Tyco Electronics LTP100SF Datasheet HTML 4Page - Tyco Electronics LTP100SF Datasheet HTML 5Page - Tyco Electronics LTP100SF Datasheet HTML 6Page - Tyco Electronics LTP100SF Datasheet HTML 7Page - Tyco Electronics LTP100SF Datasheet HTML 8Page - Tyco Electronics LTP100SF Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
172
RoHS Compliant, ELV Compliant
10
VLR
VLP
VTP
LTP
MXP
SRP
LR4
miniSMDE
Hold
Typical Activation Temperature
Current (A)
85°C
90°C
90°C
110°C
120°C
125°C
125°C
110°C
0.70
——
—
15V/0.150
Ω
—
—
——
1.00
——
—
24V/0.100
Ω
—
—
——
1.10
——
16V/0.054
Ω
—
—
—
——
1.20
——
—
—
—
15V/0.123
Ω
——
1.70
12V/0.025
Ω
—
16V/0.041
Ω
——
—
—
—
1.75
12V/0.024
Ω
—
16V/0.040
Ω
——
15V/0.070
Ω
——
1.80
——
—
24V/0.054
Ω
—
—
——
1.90
——
—
24V/0.044
Ω
6V/0.010
Ω
—
15V/0.056
Ω
16V/0.032
Ω
2.00
——
—
—
—
30V/0.045
Ω
——
2.10
—
16V/0.024
Ω
16V/0.024
Ω
—
—
—
——
2.20
—
16V/0.023
Ω
—
—
—
—
——
2.30
12V/0.015
Ω
—
—
—
—
—
——
2.40
——
—
—
—
—
——
2.60
——
—
24V/0.034
Ω
——
15V/0.031
Ω
—
2.70
—
16V/0.015
Ω
—
—
—
—
——
3.00
——
—
—
—
—
—
—
3.40
——
—
24V/0.022
Ω
—
—
——
3.50
——
—
—
—
30V/0.024
Ω
——
3.80
——
—
—
—
—
15V/0.020
Ω
—
4.20
——
—
—
—
30V/0.018
Ω
——
4.50
——
—
—
—
—
20V/0.016
Ω
—
5.50
——
—
—
—
—
20V/0.013
Ω
—
6.00
——
—
—
—
—
20V/0.011
Ω
—
7.30
——
—
—
—
—
20V/0.009
Ω
—
8.80
——
—
—
—
—
—
—
9.00
——
—
—
—
—
20V/0.008
Ω
—
13.00
——
—
—
—
—
20V/0.006
Ω
—
Application Selection Guide for Strap Battery Devices
Mobile phone battery packs
Li-ion
Flexprint
miniSMDE190F
––
Surface Mount
refer to Surface-mount section of this catalog
Prismatic
MXP190BB
VLR175F
Cordless phone battery packs
NiMH
Cylindrical
VLP210F
VTP170F
SRP175F
Mobile radio battery packs
NiMH
Cylindrical
LR4-380F
LTP340F
SRP350F
Computer battery packs
NiMH
Cylindrical
LR4-900F
––
Li-ion
Cylindrical
LR4-1300SSF
––
Prismatic
Consult local Rep
Consult local Rep
Camcorder battery packs
NiMH or Li-ion
Prismatic
VLP270F
VTP210GF
LR4-380F
––
PDA battery packs
Li-ion
Prismatic
VLP220F
VLR175F
VTP175F
––
Power tools (charge line)
NiCd, NiMH or Li-ion
Cylindrical
custom LR4
custom VTP
Protection Application
PolySwitch Resettable Devices — Key Device Selection Criteria
Installation Method
Lowest Resistance
Lowest Thermal Cut-off
The guide below lists PolySwitch strap battery devices which are typically used in these applications.
The following pages contain the specifications for the part numbers recommended below.
Once a device is selected, the user should evaluate and test each product for its intended application.
Additional Comments
Table B1
Product Series - Current Rating, Voltage Rating / Typical Resistance for
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com