Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP100SF Datasheet(PDF) 13 Page - Tyco Electronics

Part # LTP100SF
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LTP100SF Datasheet(HTML) 13 Page - Tyco Electronics

Back Button LTP100SF Datasheet HTML 8Page - Tyco Electronics LTP100SF Datasheet HTML 9Page - Tyco Electronics LTP100SF Datasheet HTML 10Page - Tyco Electronics LTP100SF Datasheet HTML 11Page - Tyco Electronics LTP100SF Datasheet HTML 12Page - Tyco Electronics LTP100SF Datasheet HTML 13Page - Tyco Electronics LTP100SF Datasheet HTML 14Page - Tyco Electronics LTP100SF Datasheet HTML 15Page - Tyco Electronics LTP100SF Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
183
RoHS Compliant, ELV Compliant
10
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±10%
Humidity aging
85°C/85% RH, 7 days
±5%
Vibration
MIL-STD-883D, Method 2026
No change
Lead material
0.125mm nominal thickness, quarter-hard nickel
Tape material
Polyester
LR4
Physical Characteristics
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±10%
Humidity aging
85°C/85% RH, 7 days
±5%
Vibration
MIL-STD-883C, Test Condition A
No change
Lead material
0.125mm nominal thickness, quarter-hard nickel
Tape material
Polyester
SRP
Physical Characteristics
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
60°C, 1000 hours
±5% typical
85°C, 1000 hours
±5% typical
Humidity aging
85°C/85% RH, 100 days
±15% typical
Thermal shock
85°C, -40°C (20 times)
-33% typical
125°C, -55°C (10 times)
-33% typical
Vibration
MIL-STD-883D, Method 2026
No change
Reflow conditions
260°C for 10-20 seconds
Less than R1MAX
Tape and reel specifications
Per EIA 481-1
N/A
Note: Storage conditions: 40°C max., 70% RH max.; devices should remain in original sealed bags prior to use. Devices may not meet specified values if these storage conditions are exceeded.
Termination pad materials
Solder-plated copper
Termination pad solderability
Meets EIA specification RS186-9E, ANSI/J-STD-002 Category 3
miniSMDE
Physical Characteristics
Environmental Specifications
Table B5 Physical Characteristics and Environmental Specifications for Strap Battery Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com