Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF135-AP Datasheet(PDF) 7 Page - Tyco Electronics

Part # RUSBF135-AP
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF135-AP Datasheet(HTML) 7 Page - Tyco Electronics

Back Button RUSBF135-AP Datasheet HTML 3Page - Tyco Electronics RUSBF135-AP Datasheet HTML 4Page - Tyco Electronics RUSBF135-AP Datasheet HTML 5Page - Tyco Electronics RUSBF135-AP Datasheet HTML 6Page - Tyco Electronics RUSBF135-AP Datasheet HTML 7Page - Tyco Electronics RUSBF135-AP Datasheet HTML 8Page - Tyco Electronics RUSBF135-AP Datasheet HTML 9Page - Tyco Electronics RUSBF135-AP Datasheet HTML 10Page - Tyco Electronics RUSBF135-AP Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
117
RoHS Compliant, ELV Compliant
10
-40
-20
0
20
40
60
80
Ambient Temperature (˚C)
200
150
100
50
0
Figure R5
RGEF
BBRF
99V
BBRF550
0.55
1.10
99
20
1.5
1.60
60
0.8
1.30
1.95
[0.520mm2 (20)]
RXEF
60V
RXEF005
0.05
0.10
60
40
0.22
0.25
5.0
7.3
11.10
20.00
[0.128mm2 (26)]
RXEF010
0.10
0.20
60
40
0.38
0.50
4.0
2.5
4.50
7.50
[0.205mm2 (24)]
RXEF017
0.17
0.34
60
40
0.48
0.85
3.0
3.3
5.21
8.00
[0.205mm2 (24)]
RXEF
72V
RXEF020
0.20
0.40
72
40
0.41
1.00
2.2
1.83
2.75
4.40
[0.205mm2 (24)]
RXEF025
0.25
0.50
72
40
0.45
1.25
2.5
1.25
1.95
3.00
[0.205mm2 (24)]
RXEF030
0.30
0.60
72
40
0.49
1.50
3.0
0.88
1.33
2.10
[0.205mm2 (24)]
RXEF040
0.40
0.80
72
40
0.56
2.00
3.8
0.55
0.86
1.29
[0.205mm2 (24)]
RXEF050
0.50
1.00
72
40
0.77
2.50
4.0
0.50
0.77
1.17
[0.205mm2 (24)]
RXEF065
0.65
1.30
72
40
0.88
3.25
5.3
0.31
0.48
0.72
[0.205mm2 (24)]
RXEF075
0.75
1.50
72
40
0.92
3.75
6.3
0.25
0.40
0.60
[0.205mm2 (24)]
RXEF090
0.90
1.80
72
40
0.99
4.50
7.2
0.20
0.31
0.47
[0.205mm2 (24)]
RXEF110
1.10
2.20
72
40
1.50
5.50
8.2
0.15
0.25
0.38
[0.520mm2 (20)]
RXEF135
1.35
2.70
72
40
1.70
6.75
9.6
0.12
0.19
0.30
[0.520mm2 (20)]
RXEF160
1.60
3.20
72
40
1.90
8.00
11.4
0.09
0.14
0.22
[0.520mm2 (20)]
RXEF185
1.85
3.70
72
40
2.10
9.25
12.6
0.08
0.12
0.19
[0.520mm2 (20)]
RXEF250
2.50
5.00
72
40
2.50
12.50
15.6
0.05
0.08
0.13
[0.520mm2 (20)]
RXEF300
3.00
6.00
72
40
2.80
15.00
19.8
0.04
0.06
0.10
[0.520mm2 (20)]
RXEF375
3.75
7.50
72
40
3.20
18.75
24.0
0.03
0.05
0.08
[0.520mm2 (20)]
RKEF
60V
RKEF050
0.50
1.00
60
40
1.00
8.00
0.8
0.320
0.529
0.900
[0.205mm2 (24)]
RKEF065
0.65
1.30
60
40
1.25
8.00
1.0
0.250
0.450
0.720
[0.205mm2 (24)]
RKEF075
0.75
1.50
60
40
1.40
8.00
1.5
0.200
0.390
0.640
[0.205mm2 (24)]
RKEF090
0.90
1.80
60
40
1.50
8.00
2.0
0.190
0.320
0.520
[0.205mm2 (24)]
RKEF110
1.10
2.20
60
40
2.20
8.00
3.0
0.170
0.280
0.470
[0.520mm2 (20)]
RKEF135
1.35
2.70
60
40
2.30
8.00
4.5
0.110
0.220
0.370
[0.520mm2 (20)]
Part
Number
I
H
(A)
I
T
(A)
V
MAX
(V)
I
MAX
(A)
P
D Typ
(W)
R
MIN
(
Ω)
R
1MAX
(
Ω)
Lead Size
[mm2 (AWG)]
R
MAX
(
Ω)
Max. Time-to-trip
(A)
(s)
Table R3 Electrical Characteristics for Radial-leaded Devices
Figure R1-R5 Thermal Derating Curve for Radial-leaded Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com