Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF135-AP Datasheet(PDF) 5 Page - Tyco Electronics

Part # RUSBF135-AP
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF135-AP Datasheet(HTML) 5 Page - Tyco Electronics

  RUSBF135-AP Datasheet HTML 1Page - Tyco Electronics RUSBF135-AP Datasheet HTML 2Page - Tyco Electronics RUSBF135-AP Datasheet HTML 3Page - Tyco Electronics RUSBF135-AP Datasheet HTML 4Page - Tyco Electronics RUSBF135-AP Datasheet HTML 5Page - Tyco Electronics RUSBF135-AP Datasheet HTML 6Page - Tyco Electronics RUSBF135-AP Datasheet HTML 7Page - Tyco Electronics RUSBF135-AP Datasheet HTML 8Page - Tyco Electronics RUSBF135-AP Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
115
RoHS Compliant, ELV Compliant
10
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
85°C
125°C
RGEF
16V
RGEF800
11.7
10.7
9.6
8.3
8.00
6.9
6.4
5.6
5.1
3.7
—
RGEF900
13.2
11.9
10.7
9.4
9.00
7.9
7.2
6.4
5.6
4.2
—
RGEF1000
14.7
13.3
12.0
10.3
10.00
8.7
8.0
7.0
6.3
4.7
—
RGEF1100
16.1
14.6
13.1
11.5
11.00
9.7
8.8
7.8
6.9
5.2
—
RGEF1200
17.6
16.0
14.4
12.4
12.00
10.4
9.6
8.4
7.6
5.6
—
RGEF1400
20.5
18.7
16.8
14.5
14.00
12.1
11.2
9.8
8.9
6.5
—
RHEF
16V - High Temperature
RHEF200
2.71
2.49
2.26
2.06
2.00
1.77
1.60
1.46
1.34
1.11
0.49
RHEF300
4.07
3.74
3.41
3.09
3.00
2.65
2.40
2.21
2.00
1.66
0.74
RHEF400
5.57
5.11
4.65
4.22
4.00
3.62
3.29
3.01
2.73
2.27
1.01
RHEF450
6.10
5.60
5.10
4.60
4.50
4.00
3.60
3.30
3.00
2.50
1.10
RHEF550
7.47
6.86
6.24
5.66
5.50
4.85
4.41
4.04
3.66
3.05
1.36
RHEF600
8.20
7.50
6.80
6.20
6.00
5.30
4.90
4.40
4.00
3.30
1.50
RHEF650
8.80
8.10
7.40
6.70
6.50
5.70
5.30
4.80
4.30
3.60
1.60
RHEF700
9.51
8.73
7.95
7.20
7.00
6.17
5.61
5.15
4.66
3.88
1.73
RHEF750
10.20
9.40
8.60
7.70
7.50
6.60
6.10
5.60
5.00
4.10
1.90
RHEF800
10.87
9.98
9.08
8.23
8.00
7.06
6.41
5.88
5.33
4.43
1.97
RHEF900
12.21
11.19
10.16
9.26
9.00
7.97
7.20
6.56
6.04
5.01
2.19
RHEF1000
13.60
12.50
11.40
10.30
10.00
8.80
8.10
7.40
6.60
5.50
2.50
RHEF1100
14.94
13.72
12.49
11.31
11.00
9.70
8.82
8.09
7.32
6.09
2.71
RHEF1300
17.70
16.30
14.80
13.40
13.00
11.40
10.50
9.60
8.60
7.20
3.30
RHEF1400
19.01
17.46
15.89
14.40
14.00
12.35
11.22
10.29
9.32
7.76
3.45
RHEF1500
20.40
18.80
17.10
15.50
15.00
13.20
12.10
11.10
9.90
8.30
3.80
RUSBF
6V
RUSBF075
1.05
0.95
0.85
0.75
0.73
0.65
0.60
0.55
0.50
0.43
—
RUSBF120
1.69
1.52
1.36
1.20
1.16
1.04
0.96
0.88
0.80
0.68
—
RUSBF155
2.17
1.96
1.75
1.55
1.50
1.34
1.24
1.14
1.03
0.88
—
Ambient Temperature (˚C)
200
150
100
50
0
-40
-20
0
20
40
60
80
Figure R1
RXEF and BBRF
Table R2
Thermal Derating for Radial-leaded Devices
[Hold Current (A) at Ambient Temperature (°C)]
Cont’d
Figure R1-R5 Thermal Derating Curve for Radial-leaded Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com