Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF135-AP Datasheet(PDF) 26 Page - Tyco Electronics

Part # RUSBF135-AP
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF135-AP Datasheet(HTML) 26 Page - Tyco Electronics

Back Button RUSBF135-AP Datasheet HTML 20Page - Tyco Electronics RUSBF135-AP Datasheet HTML 21Page - Tyco Electronics RUSBF135-AP Datasheet HTML 22Page - Tyco Electronics RUSBF135-AP Datasheet HTML 23Page - Tyco Electronics RUSBF135-AP Datasheet HTML 24Page - Tyco Electronics RUSBF135-AP Datasheet HTML 25Page - Tyco Electronics RUSBF135-AP Datasheet HTML 26Page - Tyco Electronics RUSBF135-AP Datasheet HTML 27Page - Tyco Electronics RUSBF135-AP Datasheet HTML 28Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
136
RoHS Compliant, ELV Compliant
10
Description
EIA Mark
Dimension (mm)
Tolerance
Carrier tape width
W
18
-0.5/+1.0
Hold-down tape width
W
4
11
Minimum
Top distance between tape edges
W
6
3
Maximum
Sprocket hole position
W
5
9
-0.5/+0.75
Sprocket hole diameter
D
0
4
± 0.2
Abscissa to plane (straight lead) (RGEF250 to RGEF1400)
H
18.5
± 2.5
Abscissa to plane (kinked lead) (RHEF050 to RHEF1500)
H
0
16.0
± 0.5
Abscissa to top (RGEF250 to RGEF500, RHEF050 to RHEF450)
H
1
32.2
Maximum
Abscissa to top* (RGEF600 to RGEF1400, RHEF550 to RHEF1500)
H
1
45.0
Maximum
Overall width with lead protrusion (RGEF250 to RGEF600, RHEF050 to RHEF450)
C
1
43.2
Maximum
Overall width with lead protrusion (RGEF700 to RGEF1400, RHEF550 to RHEF1500)
C
1
55
Maximum
Overall width without lead protrusion (RGEF250 to RGEF600, RHEF050 to RHEF450)
C
2
42.5
Maximum
Overall width without lead protrusion (RGEF700 to RGEF1400, RHEF550 to RHEF1500)
C
2
54
Maximum
Lead protrusion
L
1
1.0
Maximum
Protrusion of cut-out
L
11
Maximum
Protrusion beyond hold-down tape
I
2
Not specified
—
Sprocket hole pitch
P
0
12.7
± 0.3
Device pitch (RGEF250 to RGEF700, RHEF050 to RHEF600)
—
25.4
± 0.61
Device pitch (RGEF800 to RGEF1400, RHEF650 to RHEF1500)
—
25.4
± 0.6
Pitch tolerance
—
20 consecutive
± 1
Tape thickness
t
0.9
Maximum
Overall tape and lead thickness* (RGEF250 to RGEF1100, RHEF050 to RHEF1100)
t
1
2.0
Maximum
Overall tape and lead thickness* (RGEF1200 to RGEF1400, RHEF1300 to RHEF1500)
t
1
2.3
Maximum
Splice sprocket hole alignment
—0
± 0.3
Body lateral deviation
h0
± 1.0
Body tape plane deviation
p0
± 1.3
Ordinate to adjacent component lead (RGEF250 to RGEF1100, RHEF050 to RHEF900)
P
1
3.81
± 0.7
Ordinate to adjacent component lead (RGEF1200 to RGEF1400, RHEF1000 to RHEF1500)
P
1
7.62
± 0.7
Lead spacing* (RGEF250 to RGEF1100, RHEF050 to RHEF900)
F
5.05
± 0.75
Lead spacing* (RGEF1200 to RGEF1400, RHEF1000 to RHEF1500)
F
10.15
± 0.75
Reel width (RGEF250 to RGEF600, RHEF050 to RHEF450)
w
2
56.0
Maximum
Reel width* (RGEF600 to RGEF1400 & RHEF550 to RHEF1500)
w
2
63.5
Maximum
Reel diameter
a
370.0
Maximum
Space between flanges* (RGEF250 to RGEF600, RHEF050 to RHEF450)
w
1
48.0
Maximum
Space between flanges* (RGEF600 to RGEF1400, RHEF550 to RHEF1500)
w
1
55.0
Maximum
Arbor hold diameter
c
26.0
± 12.0
Core diameter*
n
91.0
Maximum
Box
—
64/372/362
Maximum
Consecutive missing places
—
None
—
Empty places per reel
—
0.1%
Maximum
*Differs from EIA specification.
RGEF and RHEF devices are available in tape and reel packaging per EIA468–B/IEC60286–2 standards.
See Figures R22 and R23 for details.
Table R7 Tape and Reel Specifications for Radial-leaded Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com