Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF135-AP Datasheet(PDF) 14 Page - Tyco Electronics

Part # RUSBF135-AP
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF135-AP Datasheet(HTML) 14 Page - Tyco Electronics

Back Button RUSBF135-AP Datasheet HTML 10Page - Tyco Electronics RUSBF135-AP Datasheet HTML 11Page - Tyco Electronics RUSBF135-AP Datasheet HTML 12Page - Tyco Electronics RUSBF135-AP Datasheet HTML 13Page - Tyco Electronics RUSBF135-AP Datasheet HTML 14Page - Tyco Electronics RUSBF135-AP Datasheet HTML 15Page - Tyco Electronics RUSBF135-AP Datasheet HTML 16Page - Tyco Electronics RUSBF135-AP Datasheet HTML 17Page - Tyco Electronics RUSBF135-AP Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
124
RoHS Compliant, ELV Compliant
10
Fault Current (A)
1000
100
10
1
0.1
0.01
0.001
0.1
10
1
100
A
A
B
CD E F
G
B
CD E F
G H
H
I
J
K
L
M
N
O
P
Q
R
I J K L M NO P Q R
Figure R16
RXEF
A=
RXEF005
B=
RXEF010
C=
RXEF017
D=
RXEF020
E=
RXEF025
F=
RXEF030
G=
RXEF040
H=
RXEF050
I=
RXEF065
J=
RXEF075
K=
RXEF090
L=
RXEF110
M=
RXEF135
N=
RXEF160
O=
RXEF185
P=
RXEF250
Q=
RXEF300
R=
RXEF375
Fault Current (A)
100
10
1
0.1
0.01
1
10
100
A
A B
C
D
E
F
G
H
I
J
K
L
M
B
C
DE
F G
H
I
J
K L M
Figure R18
RUEF
A=
RUEF090
B=
RUEF110
C=
RUEF135
D=
RUEF160
E=
RUEF185
F=
RUEF250
G=
RUEF300
H=
RUEF400
I=
RUEF500
J=
RUEF600
K=
RUEF700
L=
RUEF800
M=
RUEF900
Fault Current (A)
100
10
1
0.1
0.01
10
1
100
C
C
B
B
A
A
D
D
E
E
F
F
G
G
H
H
I
I
J
J
K
K
L
L
M
M
Figure R17
RKEF
A=
RKEF050
B=
RKEF065
C=
RKEF075
D=
RKEF090
E=
RKEF110
F=
RKEF135
G=
RKEF160
H=
RKEF185
I=
RKEF250
J=
RKEF300
K=
RKEF375
L=
RKEF400
M=
RKEF500
Figure R15-R21 Typical Time-to-trip Curves at 20°C for Radial-leaded Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com