Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4051-2ACPZ-R2
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4051-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADA4051-1/ADA4051-2
Rev. B | Page 7 of 2
–20
0
20
40
60
80
100
25
50
75
100
125
TEMPERATURE (°C)
0
TA = 25°C, unless otherwise noted.
VSY = 1.8V
IB+
IB–
Figure 11. Input Bias Current vs. Temperature
–200
0
0.3
0.6
0.9
1.2
1.5
1.8
VCM (V)
–150
–100
–50
0
50
100
150
200
VSY = 1.8V
IB+, 25°C
IB–, 25°C
IB+, 85°C
IB–, 85°C
IB+, 125°C
IB–, 125°C
Figure 12. Input Bias Current vs. Common-Mode Voltage and Temperature
0.01
0.001
0.01
0.1
1
10
0.1
1
10
100
1000
10,000
LOAD CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
VSY = 1.8V
–20
0
20
40
60
80
100
25
50
75
100
125
TEMPERATURE (°C)
Figure 13. Output Voltage (VOH) to Supply Rail vs. Load Current
and Temperature
VSY = 5V
IB+
IB–
Figure 14. Input Bias Current vs. Temperature
–400
–300
–200
–100
0
100
200
300
400
VCM (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VSY = 5V
IB+, 25°C
IB–, 25°C
IB+, 85°C
IB–, 85°C
IB+, 125°C
IB–, 125°C
Figure 15. Input Bias Current vs. Common-Mode Voltage and Temperature
0.01
0.1
1
10
100
1000
10,000
0.001
0.01
0.1
1
100
10
LOAD CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
VSY = 5V
Figure 16. Output Voltage (VOH) to Supply Rail vs. Load Current
and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com