Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4051-2ACPZ-R2
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4051-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADA4051-1/ADA4051-2
Rev. B | Page 12 of 20
TA = 25°C, unless otherwise noted.
TIME (4s/DIV)
VSY = 1.8V
TIME (4s/DIV)
VSY = 5V
1.96µV p-p
1.94µV p-p
Figure 41. Input Voltage Noise, 0.1 Hz to 10 Hz
Figure 44. Input Voltage Noise, 0.1 Hz to 10 Hz
1
10
100
1k
10k
FREQUENCY (Hz)
10
100
1k
VSY = 1.8V
VSY = 5V
Figure 42. Voltage Noise Density vs. Frequency
TIME (40µs/DIV)
VSY = ±0.9V
G = –10
INPUT VOLTAGE
OUTPUT VOLTAGE
0.5
–0.5
–1.0
–0.05
0.15
0.10
0.05
0
0
–1.5
Figure 43. Positive Overload Recovery
1
10
100
1k
10
100
1k
10k
FREQUENCY (Hz)
Figure 45. Voltage Noise Density vs. Frequency
VSY = ±2.5V
G = –10
INPUT VOLTAGE
TIME (40µs/DIV)
OUTPUT VOLTAGE
–3
1
–1
–2
–0.1
0.4
0.3
0.2
0.1
0
0
Figure 46. Positive Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com