Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4051-2ACPZ-R2
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4051-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADA4051-1/ADA4051-2
Rev. B | Page 18 of 20
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0°
0.40
6°
0.80
0.55
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
0.23
COPLANARITY
0.10
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 63. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
1
EXPOSED
PAD
(BOTTOM VIEW)
0.50
BSC
PIN 1
INDICATOR
0.50
0.40
0.30
TOP
VIEW
12° MAX
0.70 MAX
0.65 TYP
0.90 MAX
0.85 NOM
0.05 MAX
0.01 NOM
0.20 REF
1.89
1.74
1.59
4
1.60
1.45
1.30
3.25
3.00 SQ
2.75
2.95
2.75 SQ
2.55
5
8
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
SEATING
PLANE
0.30
0.23
0.18
Figure 64. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
3 mm × 3 mm Body, Very Thin, Dual Lead
(CP-8-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADA4051-1ARJZ-R2
−40°C to +125°C
5-Lead SOT-23
RJ-5
A0U
ADA4051-1ARJZ-R7
−40°C to +125°C
5-Lead SOT-23
RJ-5
A0U
ADA4051-1ARJZ-RL
−40°C to +125°C
5-Lead SOT-23
RJ-5
A0U
ADA4051-1AKSZ-R2
−40°C to +125°C
5-Lead SC-70
KS-5
A0U
ADA4051-1AKSZ-R7
−40°C to +125°C
5-Lead SC-70
KS-5
A0U
ADA4051-1AKSZ-RL
−40°C to +125°C
5-Lead SC-70
KS-5
A0U
ADA4051-2ACPZ-R2
−40°C to +125°C
8-Lead LFCSP_VD
CP-8-2
A2M
ADA4051-2ACPZ-R7
−40°C to +125°C
8-Lead LFCSP_VD
CP-8-2
A2M
ADA4051-2ACPZ-RL
−40°C to +125°C
8-Lead LFCSP_VD
CP-8-2
A2M
ADA4051-2ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
A2M
ADA4051-2ARMZ-R7
−40°C to +125°C
8-Lead MSOP
RM-8
A2M
ADA4051-2ARMZ-RL
−40°C to +125°C
8-Lead MSOP
RM-8
A2M
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com