Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4051-2ACPZ-R2
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4051-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4051-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADA4051-1/ADA4051-2
TA = 25°C, unless otherwise noted.
Rev. B | Page 13 of 20
TIME (40µs/DIV)
VSY = ±0.9V
G = –10
INPUT VOLTAGE
OUTPUT VOLTAGE
–0.5
1.5
0.5
0
–0.15
0.05
0
–0.05
–0.10
1.0
–0.3
–0.4
0.1
0
–0.1
–0.2
–1
3
4
1
0
2
Figure 47. Negative Overload Recovery
TIME (40µs/DIV)
VSY = ±0.9V
VIN = 1V p-p
RL = 10kΩ
CL = 100pF
INPUT VOLTAGE
OUTPUT VOLTAGE
–5
5
0
ERROR
BAND
Figure 48. Positive Settling Time to 0.1%
TIME (40µs/DIV)
INPUT VOLTAGE
OUTPUT VOLTAGE
VSY = ±0.9V
VIN = 1V p-p
RL = 10kΩ
CL = 100pF
ERROR
BAND
–5
5
0
Figure 49. Negative Settling Time to 0.1%
TIME (40µs/DIV)
INPUT VOLTAGE
OUTPUT VOLTAGE
VSY = ±2.5V
G = –10
Figure 50. Negative Overload Recovery
INPUT VOLTAGE
TIME (40µs/DIV)
VSY = ±2.5V
VIN = 1V p-p
RL = 10kΩ
CL = 100pF
OUTPUT VOLTAGE
–5
5
0
ERROR
BAND
–5
5
0
Figure 51. Positive Settling Time to 0.1%
TIME (40µs/DIV)
INPUT VOLTAGE
OUTPUT VOLTAGE
ERROR
BAND
VSY = ±2.5V
VIN = 1V p-p
RL = 10kΩ
CL = 100pF
Figure 52. Negative Settling Time to 0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com