Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE93C46TMTH Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE93C46TMTH
Description  Three-wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46TMTH Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE93C46TMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
 
                                                                                                                
ACE93C46
                        Technology
Three-wire Serial EEPROM
VER 1.2
4
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VIL2(3)
Input Low Voltage
1.8V≦Vcc≦2.7V
-0.3
Vcc+0.3
V
VIH2(3)
Input High Voltage
1.8V≦Vcc≦2.7V
Vcc*0.7
Vcc+0.3
V
VOL1
Output Low Voltage
VOH1
Output High Voltage
2.7V≦Vcc≦5.5V
IOL=2.1mA
IOH=-0.4mA
2.4
0.4
V
VOL2
Output Low Voltage
VOH2
Output High Voltage
1.8V≦Vcc≦2.7V
IOL=0.15mA
IOH=-100uA
Vcc-0.2
0.2
V
Note: 1. DI.CS. SK input pin
2. ORG input pin
3. VIL min and VIH max are reference only and are not tested.
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.8V to +5.5V, CL=1TTL Gate and 100pF
(unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ Max
Units
fsx
SK Clock Frequency
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
0
0
0
2
1
0.25
MHz
tskh
SK High Time
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tskl
SK Low Time
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tcs
Minimum CS Low Time
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tcss
CS Setup Time
Relative to
SK
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
50
50
200
ns
tdis
DI Setup Time
Relative to
SK
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
100
100
400
ns
tcsh
CS Hold Time
Relative to SK
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com