Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE93C46TMTH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE93C46TMTH
Description  Three-wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46TMTH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE93C46TMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 
                                                                                                                
ACE93C46
                        Technology
Three-wire Serial EEPROM
VER 1.2
1
 
Description
The ACE93C46 provides 1024 bits of serial electrically erasable programmable read only memory (EEPROM)
organized as 64 words of 16 bits each, when the ORG pin is connected to VCC and 128 words of 8 bits each when it is
tied to ground. The ACE93C46 is available in space-saving 8-lead PDIP, 8-lead TSSOP and 8-lead JEDEC SOIC
packages. The ACE93C46 is enabled through the Chip Select pin (CS), and accessed via a 3-wire serial interface
consisting of Data Input (DI), Data Output (DO), and Shift Clock (SK). Upon receiving a Read instruction at DI, the
address is decoded and the data is clocked out serially on the data output pin DO. The WRITE cycle is completely
self-timed and no separate erase cycle is required before write. The Write cycle is only enabled when it is in the
Erase/Write Enable state. When CS is brought “high” following the initiation of a write cycle, the DO pin outputs the
Ready/Busy status.
Features
Low-voltage operation – 1.8 (VCC=1.8 to 5.5V)
Three-wire serial Interface
2MHz clock rate(5V) compatibility
Self-timed write cycle (5 ms max)
High-reliability – Endurance: 1 Million write cycles
Data retention: 100 Years
8-lead PDIP, SOP-8, TSSOP-8 Packages
Packaging Type
DIP-8
SOP-8
TSSOP-8
Pin Configurations
Pin Name
Function
CS
Chip select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
Vcc
Power Supply
ORG
Internal Organization
DC
Don’t Connect


Similar Part No. - ACE93C46TMTH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE93C46TM+TH ACE-ACE93C46TM+TH Datasheet
938Kb / 14P
Three-wire Serial EEPROM
VER 1.5
ACE93C46TM+UH ACE-ACE93C46TM+UH Datasheet
938Kb / 14P
Three-wire Serial EEPROM
VER 1.5
More results

Similar Description - ACE93C46TMTH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
Three-wire Serial EEPROM
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
Three-wire Serial EEPROM
VER 1.5
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
Three-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com