Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE93C46TMTH Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE93C46TMTH
Description  Three-wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46TMTH Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE93C46TMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
 
                                                                                                                
ACE93C46
                        Technology
Three-wire Serial EEPROM
VER 1.2
6
only at VCC=4.5V to 5.5V
EWDS
1
00
00XXXXX
00XXXX
Disables all programming
instructions
Notes: The X’s in the address field represent don’t care values and must be clocked.
READ (READ):
The Read (READ) instruction contains the address code for the memory location to be read. After the instruction and
address are decoded, data from the selected memory location is available at the serial output pin DO. Output data
changes are synchronized with the rising edges of serial clock SK. It should be noted that a dummy bit (logic “0”)
precedes the 8- or 16-bit data output string.
ERASE/WRITE (EWEN):
To assure data integrity, the part automatically goes into the Erase/Write Disable (EWDS) state when power is first
applied. An Erase/Write Enable(EWEN) instruction must be executed first before any programming instructions can be
carried out. Please note that once in the EWEN state, programming remains enabled until an EWDS instruction is
executed or VCC power is removed from the part.
ERASE (ERASE):
The Erase (ERASE) instruction programs all bits in the specified memory location to the logical “1” state. The
self-timed erase cycle starts once the ERASE instruction and address are decoded. The DO pin outputs the
Ready/Busy status of the part if CS is brought high after being kept low for a minimum of 250 ns (TCS). A logic “1” at pin
DO indicates that the selected memory location has been erased, and the part is ready for another instruction.
WRITE (WRITE):
The Write (WRITE) instruction contains the 8 or 16 bits of data to be written into the specified memory location. The
self-timed programming cycle, tWP, starts after the last bit of data is received at serial data input pin DI. The DO pin
outputs the Ready/Busy status of the part if CS is brought high after being kept low for a minimum of 250 ns (TCS). A
logic “0” at DO indicates that programming is still in progress. A logic “1” indicates that the memory location at the
specified address has been written with the data pattern contained in the instruction and the part is ready for further
instructions. A Ready/Busy status cannot be obtained if the CS is brought high after the end of the selftimed
programming cycle, TWP.
ERASE ALL (ERAL):
The Erase All (ERAL) instruction programs every bit in the memory array to the logic “1” state and is primarily used for
testing purposes. The DO pin outputs the Ready/Busy status of the part if CS is brought high after being kept low for a
minimum of 250 ns (TCS). The ERAL instruction is valid only at VCC = 5.0V ± 10%.
WRITE ALL (WRAL):
The Write All (WRAL) instruction programs all memory locations with the data patterns specified in the instruction.
The DO pin outputs the Ready/Busy status of the part if CS is brought high after being kept low for a minimum of 250ns
(TCS). The WRAL instruction is valid only at VCC = 5.0V ± 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com