Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE93C46TMTH Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE93C46TMTH
Description  Three-wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46TMTH Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE93C46TMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46TMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
 
                                                                                                                
ACE93C46
                        Technology
Three-wire Serial EEPROM
VER 1.2
5
Symbol
Parameter
Test Condition
Min
Typ Max
Units
tdih
DI Hold Time
Relative to
SK
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
100
100
400
ns
tpd1
Output Delay to “1”
AC Test
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tpd0
Output Delay to “0”
AC Test
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tsv
CS to Status Valid
AC Test
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tdf
CS to DO in High
Impedance
AC Test
CS=VIL
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
100
100
400
ns
twp
Write Cycle Time
1.5
5
ms
Endurance
(1)
5.0V, 25℃
1M
Write
Cycle
Note: 1. This parameter is characterized and is not 100% tested.
Functional Description
The ACE93C46 is accessed via a simple and versatile three-wire serial communication interface. Device operation is
controlled by seven instructions issued by the host processor. A valid instruction starts with a rising edge of CS and
consists of a start bit (logic“1”) followed by the appropriate op code and the desired memory address location.
Instruction Set for the ACE93C46
Address
Data
Instruction
SB
OP
Code
*8
*16
*8
*16
Comments
READ
1
10
A6-A0
A5-A0
Read data stored in memory, at
specified address
EWEN
1
00
11XXXXX
11XXXX
Write enable must precede all
programming modes
REASE
1
11
A6-A0
A5-A0
Erase memory location An-A0
WRITE
1
01
A6-A0
A5-A0
D7-D0
D15-D0
Writes memory location An-A0
ERAL
1
00
10XXXXX
10XXXX
Erases all memory locations. Valid
only at VCC=4.5V to 5.5V
WRAL
1
00
01XXXXX
01XXXX
D7-D0
D15-D0
Writes all memory locations. Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com