Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YEV09T06-R Datasheet(PDF) 3 Page - Power-One

Part # YEV09T06-R
Description  6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YEV09T06-R Datasheet(HTML) 3 Page - Power-One

  YEV09T06-R Datasheet HTML 1Page - Power-One YEV09T06-R Datasheet HTML 2Page - Power-One YEV09T06-R Datasheet HTML 3Page - Power-One YEV09T06-R Datasheet HTML 4Page - Power-One YEV09T06-R Datasheet HTML 5Page - Power-One YEV09T06-R Datasheet HTML 6Page - Power-One YEV09T06-R Datasheet HTML 7Page - Power-One YEV09T06-R Datasheet HTML 8Page - Power-One YEV09T06-R Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
YEV09T06 6A DC-DC POL Converter
4.5V to 13.8V Input 0.59V to 5.1V Output
Data Sheet
ZD-02094 Rev 1.1, 25-Mar-09
www.power-one.com
Page 3 of 12
4.
Electrical Specifications
Specifications apply at the input voltage from 4.5V to 13.8V, output load from 0 to 6A, output voltage from 0.59V to
5.1V, 22µF external output capacitor, and ambient temperature from 0°C to 70°C unless otherwise noted.
4.1
Input Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Input voltage (VIN)
0.59V ≤ VOUT ≤ 3.63V
3.64V ≤ VOUT ≤ 5.1V
4.5
6.5
12
12
13.8
13.8
VDC
Undervoltage Lockout Turn On
Threshold
Input Voltage Ramping Up
4.1
4.3
4.5
VDC
Undervoltage Lockout Turn Off
Threshold
Input Voltage Ramping Down
3.9
4.1
4.3
VDC
Standby Input Current
VIN=12V, POL is disabled via ON/OFF
20
mADC
Input Reflected Ripple Current
Peak-to-Peak
BW=5MHz to 20MHz, LSOURCE=1µH,
See Figure 16 for setup
60
mA
4.2
Output Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage Range (VOUT)
Programmable with a resistor between
TRIM and GND pins
0.59
5.1
VDC
Output Voltage Setpoint Accuracy,
VOUT≥1V
VIN=12V, IOUT=IOUT MAX,
0.1% trim resistor, room temperature
-1.0
1.0
%VOUT
Output Voltage Setpoint Accuracy,
VOUT<1V
VIN=12V, IOUT=IOUT MAX,
0.1% trim resistor, room temperature
-10
10
mVDC
Line Regulation, VOUT≥2.5V
VIN MIN to VIN MAX
0.5
%VOUT
Load Regulation, VOUT≥2.5V
0 to IOUT MAX
0.4
%VOUT
Line Regulation, VOUT<2.5V
VIN MIN to VIN MAX
5
mVDC
Load Regulation, VOUT<2.5V
0 to IOUT MAX
10
mVDC
Output Voltage Regulation
Over operating input voltage, resistive
load, and temperature conditions until
the end of life
-2.0
2.0
%VOUT
Output Voltage Peak-to-Peak
Ripple and Noise, BW=20MHz,
Full Load
VIN=12V, VOUT=0.6V
VIN=12V, VOUT=3.3V
VIN=12V, VOUT=5.0V
10
20
35
25
40
50
mV
mV
mV
Dynamic Regulation
Peak Deviation
Settling Time
VIN=12V, VOUT=3.3V
50 - 100% load step, Slew rate 1A/
s,
to 10% of peak deviation
80
50
250
100
mV
s
Efficiency
VIN=12V
Full Load
Room temperature
VOUT=0.6V
VOUT=0.8V
VOUT=1.2V
VOUT=1.5V
VOUT=1.8V
VOUT=2.5V
VOUT=3.3V
VOUT=5.0V
69
75
81
84
85
89
91
92.5
%
%
%
%
%
%
%
%
Switching Frequency
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com