Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YEV09T06-R Datasheet(PDF) 1 Page - Power-One

Part # YEV09T06-R
Description  6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YEV09T06-R Datasheet(HTML) 1 Page - Power-One

  YEV09T06-R Datasheet HTML 1Page - Power-One YEV09T06-R Datasheet HTML 2Page - Power-One YEV09T06-R Datasheet HTML 3Page - Power-One YEV09T06-R Datasheet HTML 4Page - Power-One YEV09T06-R Datasheet HTML 5Page - Power-One YEV09T06-R Datasheet HTML 6Page - Power-One YEV09T06-R Datasheet HTML 7Page - Power-One YEV09T06-R Datasheet HTML 8Page - Power-One YEV09T06-R Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
YEV09T06 6A DC-DC POL Converter
4.5V to 13.8V Input 0.59V to 5.1V Output
Data Sheet
ZD-02094 Rev 1.1, 25-Mar-09
www.power-one.com
Page 1 of 12
Member of the
Family
Applications
Low voltage, high density systems with
Intermediate Bus Architectures (IBA)
Point-of-load regulators for high performance
DSP, FPGA, ASIC, and microprocessors
Desktops, servers, and portable computing
Broadband, networking, optical, and
communications systems
Benefits
One part that covers many applications
Reduces board space, system cost and
complexity, and time to market
Features
RoHS lead free and lead-solder-exempt products are
available
Wide operating temperature range: 0 to 70 ºC;
optional to a range of -40 to 85 ºC
High efficiency synchronous buck topology
Low noise fixed frequency operation
Wide input voltage range: 4.5V–13.8V
High continuous output current: 6A
Programmable output voltage range: 0.59V–5.1V
Overcurrent, and output overvoltage protections with
automatic restart
Enable input
Start up into prebiased load
No minimum load requirements
High MTBF of 67 million hours
Industry standard size through-hole single-in-line
package and pinout
0.41”x0.40” (10.4mm x 10.16mm)
Low height of 0.65” (16.51mm)
UL94 V-0 flammability rating
UL60950, CSA C22.2 No. 60950-00, and TUV
EN60950-1:2001
Description
The YEV09T06, non-isolated DC-DC point of load (POL) converter, delivers up to 6A of output current in an
industry-standard single-in-line (SIP) through-hole package. The YEV09T06 POL converter is an ideal choice for
Intermediate Bus Architectures where point of load conversion is a requirement. Operating from a 4.5-13.8V input
the POL converter provides an extremely tightly regulated programmable output voltage of 0.59V to 5.1V. The
POL converter offers exceptional thermal performance, even in high temperature environments with minimal
airflow.
This performance is accomplished through the use of advanced circuit solutions, packaging and
processing techniques. The resulting design possesses ultra-high efficiency, excellent thermal management, and
a slim body profile that minimizes impedance to system airflow, thus enhancing cooling for both upstream and
downstream devices. The use of automation for assembly, coupled with advanced power electronics and thermal
design, results in a product with extremely high reliability.


Similar Part No. - YEV09T06-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
YEV09T06 BEL-YEV09T06 Datasheet
639Kb / 10P
High efficiency synchronous buck topology
More results

Similar Description - YEV09T06-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
logo
Maxim Integrated Produc...
MAX17686 MAXIM-MAX17686 Datasheet
866Kb / 19P
4.5V to 60V Input, High-Efficiency, Iso-Buck DC-DC Converter
Rev 1; 4/19
MAX15303 MAXIM-MAX15303 Datasheet
1Mb / 32P
6A Digital PoL DC-DC Converter with InTune Automatic Compensation
Rev 2; 9/15
logo
Murata Manufacturing Co...
MYSGK02506BRSR MURATA1-MYSGK02506BRSR Datasheet
2Mb / 18P
MonoBlock type POL, High input 6A DC-DC converter series
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com