Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YEV09T06-R Datasheet(PDF) 2 Page - Power-One

Part # YEV09T06-R
Description  6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YEV09T06-R Datasheet(HTML) 2 Page - Power-One

  YEV09T06-R Datasheet HTML 1Page - Power-One YEV09T06-R Datasheet HTML 2Page - Power-One YEV09T06-R Datasheet HTML 3Page - Power-One YEV09T06-R Datasheet HTML 4Page - Power-One YEV09T06-R Datasheet HTML 5Page - Power-One YEV09T06-R Datasheet HTML 6Page - Power-One YEV09T06-R Datasheet HTML 7Page - Power-One YEV09T06-R Datasheet HTML 8Page - Power-One YEV09T06-R Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
YEV09T06 6A DC-DC POL Converter
4.5V to 13.8V Input 0.59V to 5.1V Output
Data Sheet
ZD-02094 Rev 1.1, 25-Mar-09
www.power-one.com
Page 2 of 12
1.
Ordering Information
YE
V
09
T
06
–
0
z
Product
Family
Profile
Input
Voltage
PCB
Mounting
Output
Current
Dash
Options
RoHS Compliance
POL
Converter
Vertical
4.5V to
13.8V
Through-
hole
6A
0 – 0 to 70 ºC
operating range.
R – -40 to 85 ºC
operating range.
No suffix - RoHS compliant
with Pb solder exemption
1
G - RoHS compliant for all six
substances
______________________________________
1
The solder exemption
refers to all the restricted materials except lead in solder. These materials are Cadmium (Cd), Hexavalent chromium
(Cr6+), Mercury (Hg), Polybrominated biphenyls (PBB), Polybrominated diphenylethers (PBDE), and Lead (Pb) used anywhere except in
solder.
Example: YEV09T06-0G: YEV09T06 POL converter with the commercial temperature range and lead-free
solder. Refer to Figure 1 for label marking information.
Figure 1. Label Drawing
2.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings may cause performance degradation, adversely affect long-
term reliability, and cause permanent damage to the converter.
Parameter
Conditions/Description
Min
Max
Units
Input Voltage
Continuous
-0.3
15
VDC
Ambient Temperature Range
Operating
0
70
C
Storage Temperature (Ts)
-55
125
C
Case Temperature (Tc)
Measured on the inductor L100
125
C
3.
Environmental and Mechanical Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Weight
2.5
grams
MTBF
Calculated Per Telcordia Technologies SR-332,
Method I Case 1, 50% electrical stress,
40°C ambient temperature
67
MHrs
Lead Plating
YEV09T06-0 and YEV09T06-0G
100% Matte Tin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com