Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YEV09T06-R Datasheet(PDF) 10 Page - Power-One

Part # YEV09T06-R
Description  6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YEV09T06-R Datasheet(HTML) 10 Page - Power-One

Back Button YEV09T06-R Datasheet HTML 4Page - Power-One YEV09T06-R Datasheet HTML 5Page - Power-One YEV09T06-R Datasheet HTML 6Page - Power-One YEV09T06-R Datasheet HTML 7Page - Power-One YEV09T06-R Datasheet HTML 8Page - Power-One YEV09T06-R Datasheet HTML 9Page - Power-One YEV09T06-R Datasheet HTML 10Page - Power-One YEV09T06-R Datasheet HTML 11Page - Power-One YEV09T06-R Datasheet HTML 12Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
YEV09T06 6A DC-DC POL Converter
4.5V to 13.8V Input 0.59V to 5.1V Output
Data Sheet
ZD-02094 Rev 1.1, 25-Mar-09
www.power-one.com
Page 10 of 12
9.
Pin Assignments and Description
Pin
Name
Pin
Number
Pin
Type
Buffer
Type
Pin Description
Notes
ON/OFF
1
I
PU
Enable
Pull high to turn ON the POL
VIN
2
P
Input Voltage
GND
3
P
Power Ground
VOUT
4
P
Output Voltage
TRIM
5
I
A
Output Voltage Trim
Connect a high accuracy resistor between TRIM
and GMD pins to set the output voltage
Legend: I=input, O=output, I/O=input/output, P=power, A=analog, PU=internal pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com