Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5535ARKZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5535ARKZ-R7
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5535ARKZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5535ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADL5535
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VCC = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
20
1000
MHz
FREQUENCY = 20 MHz
Gain
16.7
dB
Output 1 dB Compression Point (P1dB)
17.7
dBm
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, output power (POUT) = 3 dBm per tone
41.5
dBm
Second Harmonic
POUT = 0 dBm
−59.5
dBc
Third Harmonic
POUT = 0 dBm
−93
dBc
Noise Figure
3.0
dB
FREQUENCY = 70 MHz
Gain
16.5
dB
vs. Frequency
±50 MHz
±0.33
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.16
dB
vs. Supply Voltage
4.75 V to 5.25 V
±0.04
dB
Output 1 dB Compression Point (P1dB)
18.9
dBm
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, output power (POUT) = 3 dBm per tone
43.5
dBm
Second Harmonic
POUT = 0 dBm
−64
dBc
Third Harmonic
POUT = 0 dBm
−93
dBc
Noise Figure
3.0
dB
FREQUENCY = 190 MHz
Gain
15.2
16.1
17.0
dB
vs. Frequency
±50 MHz
±0.06
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.17
dB
vs. Supply Voltage
4.75 V to 5.25 V
±0.04
dB
Output 1 dB Compression Point (P1dB)
17.8
18.9
dBm
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, output power (POUT) = 3 dBm per tone
45.5
dBm
Second Harmonic
POUT = 0 dBm
−60.2
dBc
Third Harmonic
POUT = 0 dBm
−84.3
dBc
Noise Figure
3.2
dB
FREQUENCY = 380 MHz
Gain
15.0
15.8
16.5
dB
vs. Frequency
±50 MHz
±0.08
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.17
dB
vs. Supply Voltage
4.75 V to 5.25 V
±0.05
dB
Output 1 dB Compression Point (P1dB)
17.8
18.9
dBm
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, output power (POUT) = 3 dBm per tone
45.5
dBm
Second Harmonic
POUT = 0 dBm
−61.9
dBc
Third Harmonic
POUT = 0 dBm
−75
dBc
Noise Figure
3.3
dB
FREQUENCY = 748 MHz
Gain
15.2
dB
vs. Frequency
±50 MHz
±0.10
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.20
dB
vs. Supply Voltage
4.75 V to 5.25 V
±0.06
dB
Output 1 dB Compression Point (P1dB)
18.9
dBm
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, output power (POUT) = 3 dBm per tone
42.0
dBm
Second Harmonic
POUT = 0 dBm
−52.6
dBc
Third Harmonic
POUT = 0 dBm
−68
dBc
Noise Figure
3.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com