Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5535ARKZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5535ARKZ-R7
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5535ARKZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5535ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADL5535
Rev. 0 | Page 11 of 16
ACPR PERFORMANCE
Figure 17 shows a plot of the adjacent channel power ratio
(ACPR) vs. POUT for the ADL5535. The signal type used is a
single wideband code division multiple access (W-CDMA)
carrier (Test Model 1-64). This signal is generated by a very
low ACPR source. ACPR is measured at the output by a high
dynamic range spectrum analyzer that incorporates an instru-
ment noise-correction function. At an output power level of
+8 dBm, ACPR is still very low at −65 dBc, making the device
suitable for use in driver applications.
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–5
–3
–1
13579
11
13
POUT (dBm)
380MHz
190MHz
190MHz SOURCE POWER
OUTPUT REFERRED
380MHz SOURCE POWER OUTPUT REFERRED
Figure 17. ACPR vs. POUT, Single W-CDMA Carrier (Test Model 1-64)
at 190 MHz and 380 MHz
ERROR VECTOR MAGNITUDE (EVM) PERFORMANCE
Error vector magnitude (EVM) is a measure used to quantify the
performance of a digital radio transmitter or receiver. A signal
received by a receiver has all constellation points at their ideal
locations; however, various imperfections in the implementation
(such as magnitude imbalance, noise floor, and phase imbalance)
cause the actual constellation points to deviate from their ideal
locations. The ADL5535 shows excellent performance when used
with higher-order modulation schemes, such as a 16 QAM.
Figure 18 illustrates the EVM performance of the ADL5535 when
driven with a 16 QAM 10 Msym/s signal. Degradation of the EVM
performance starts to occur at an output power of +12 dBm.
–45
–40
–35
–30
–25
–20
4
6
8
10
12
14
16
18
POUT (dBm)
380MHz SOURCE POWER OUTPUT REFERRED
380MHz
190MHz
190MHz SOURCE POWER
OUTPUT REFERRED
Figure 18. EVM Performance vs. POUT with a 16 QAM, 10 Msym/s Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com