Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5535ARKZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5535ARKZ-R7
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5535ARKZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5535ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADL5535
Rev. 0 | Page 4 of 16
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY = 900 MHz
Gain
15.1
dB
vs. Frequency
±50 MHz
±0.11
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.20
dB
vs. Supply Voltage
4.75 V to 5.25 V
±0.06
dB
Output 1 dB Compression Point (P1dB)
19.0
dBm
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, output power (POUT) = 3 dBm per tone
40.0
dBm
Second Harmonic
POUT = 0 dBm
−59.3
dBc
Third Harmonic
POUT = 0 dBm
−64.6
dBc
Noise Figure
3.2
dB
FREQUENCY = 1000 MHz
Gain
14.9
dB
vs. Frequency
±50 MHz
±0.11
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.21
dB
vs. Supply Voltage
4.75 V to 5.25 V
±0.07
dB
Output 1 dB Compression Point (P1dB)
18.9
dBm
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, output power (POUT) = 3 dBm per tone
39.5
dBm
Second Harmonic
POUT = 0 dBm
−51.4
dBc
Third Harmonic
POUT = 0 dBm
−63.1
dBc
Noise Figure
3.3
dB
POWER INTERFACE
Supply Voltage (VCC)
4.5
5.0
5.5
V
Supply Current
97
115
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
±2.0
mA
Power Dissipation
VCC = 5 V
0.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com