Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5535ARKZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5535ARKZ-R7
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5535ARKZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5535ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADL5535
Rev. 0 | Page 10 of 16
BASIC CONNECTIONS
The basic connections for operating the ADL5535 are shown in
Figure 15. Recommended components are listed in Table 5. The
input and output should be ac-coupled with appropriately sized
capacitors (device characterization was performed with 0.1 μF
capacitors). A 5 V dc bias is supplied to the amplifier through
the bias inductor connected to RFOUT (Pin 3). The bias voltage
should be decoupled using a 1 μF capacitor, a 1.2 nF capacitor,
and a 68 pF capacitor.
GND
1
2
3
C6
1µF
L1
470nH
GND
RFOUT
C5
C4
C2
C1
VCC
RFIN
ADL5535
(2)
0.1µF
1.2nF
68pF
0.1µF
Figure 15. Basic Connections
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 16 shows the recommended land pattern for the ADL5535.
To minimize thermal impedance, the exposed paddle on the
package underside, along with Pin 2, should be soldered to a
ground plane. If multiple ground layers exist, they should be
stitched together using vias. For more information about land
pattern design and layout, refer to the AN-772 Application
Note, A Design and Manufacturing Guide for the Lead Frame
Chip Scale Package (LFCSP).
1.80mm
3.48mm
5.56mm
0.20mm
0.62mm
0.86mm
3.00mm
1.50mm
1.27mm
Figure 16. Recommended Land Pattern
Table 5. Recommended Components for Basic Connections
Frequency
C1
C2
L1
C4
C5
C6
20 MHz to 1000 MHz
0.1 μF
0.1 μF
470 nH (Coilcraft 0603LS-NX or equivalent)
68 pF
1.2 nF
1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com