Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP172ACBZ-1.0-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP172ACBZ-1.0-R7
Description  300 mA, Low Quiescent Current CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP172ACBZ-1.0-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP172ACBZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP172
Rev. B | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIN
EN
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
BALL 1
INDICATOR
VOUT
GND
A
12
B
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 μF or greater capacitor.
A2
VOUT
Output Voltage Adjust Input. Connect the midpoint of an external divider from VOUT to GND to this pin
to set the output voltage
B1
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For automatic
startup, connect EN to VIN.
B2
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com