Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP172ACBZ-1.0-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP172ACBZ-1.0-R7
Description  300 mA, Low Quiescent Current CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP172ACBZ-1.0-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP172ACBZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 16Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 17Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 18Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 19Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADP172
Rev. B | Page 17 of 20
OUTLINE DIMENSIONS
0.05 NOM
COPLANARITY
0.990
0.950
0.910
1.065
1.025
0.985
0.270
0.240
0.210
0.340
0.320
0.300
0.640
0.595
0.550
0.370
0.355
0.340
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
A
1
2
B
SEATING
PLANE
BALL A1
IDENTIFIER
0.50
REF
Figure 38. 4-Ball, Wafer Level Chip Scale Package [WLCSP]
(CB-4-4)
Dimensions show in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)2
Package Description
Package
Option
Branding
ADP172ACBZ-1.0-R7
−40°C to +125°C
1.0
4-Ball WLCSP
CB-4-4
6V
ADP172ACBZ-1.2-R7
−40°C to +125°C
1.2
4-Ball WLCSP
CB-4-4
51
ADP172ACBZ-1.26-R7
−40°C to +125°C
1.26
4-Ball WLCSP
CB-4-4
6E
ADP172ACBZ-1.5-R7
−40°C to +125°C
1.5
4-Ball WLCSP
CB-4-4
5J
ADP172ACBZ-1.8-R7
−40°C to +125°C
1.8
4-Ball WLCSP
CB-4-4
5X
ADP172ACBZ-2.1-R7
−40°C to +125°C
2.1
4-Ball WLCSP
CB-4-4
6B
ADP172ACBZ-3.0-R7
−40°C to +125°C
3.0
4-Ball WLCSP
CB-4-4
6Z
1 Z = RoHS Compliant Part.
2 For additional voltage options, contact your local Analog Devices, Inc., sales or distribution representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com