Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP172ACBZ-1.0-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP172ACBZ-1.0-R7
Description  300 mA, Low Quiescent Current CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP172ACBZ-1.0-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP172ACBZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 16Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP172
Rev. B | Page 13 of 20
In this example, the worst-case temperature coefficient
(TEMPCO) over −40°C to +85°C is assumed to be 15% for an
X5R dielectric. The tolerance of the capacitor (TOL) is assumed
to be 10%, and CBIAS is 0.94 μF at 1.8 V, as shown in Figure 26.
Substituting these values in Equation 1 yields
CEFF = 0.94 μF × (1 − 0.15) × (1 − 0.1) = 0.719 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over temper-
ature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP172, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.
UNDERVOLTAGE LOCKOUT
The ADP172 has an internal undervoltage lockout circuit that
disables all inputs and the output when the input voltage is less
than approximately 1.2 V. This ensures that the ADP172 inputs
and the output behave in a predictable manner during power-up.
ENABLE FEATURE
The ADP172 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 27,
when a rising voltage on EN crosses the active threshold, VOUT
turns on. When a falling voltage on EN crosses the inactive
threshold, VOUT turns off.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VEN
Figure 27. ADP172 Typical EN Pin Operation
As shown in Figure 27, the EN pin has hysteresis built in. This
prevents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the VIN
voltage. Therefore, these thresholds vary with changing input
voltage. Figure 28 shows typical EN active/inactive thresholds
when the input voltage varies from 1.6 V to 3.6 V.
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VIN (V)
EN ACTIVE
EN INACTIVE
Figure 28. Typical EN Pin Thresholds vs. Input Voltage
The ADP172 uses an internal soft start to limit the inrush
current when the output is enabled. The start-up time for the
1.8 V option is approximately 120 μs from the time the EN
active threshold is crossed to when the output reaches 90%
of its final value. As shown in Figure 29, the start-up time is
dependent on the output voltage setting.
CH1 1.00V
CH2 1.00V
B
W
M20.0µs
A CH1
2.72V
1
2
T
79.8000µs
VOUT = 0.8V
VOUT = 1.8V
VOUT = 3.0V
EN
Figure 29. Typical Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com