Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP172ACBZ-1.0-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP172ACBZ-1.0-R7
Description  300 mA, Low Quiescent Current CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP172ACBZ-1.0-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP172ACBZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP172ACBZ-1.0-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP172
Rev. B | Page 12 of 20
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP172 is designed for operation with small, space-saving
ceramic capacitors but functions with most commonly used
capacitors as long as care is taken with the effective series
resistance (ESR) value. The ESR of the output capacitor affects
the stability of the LDO control loop. A minimum of 1 μF
capacitance with an ESR of 1 Ω or less is recommended to
ensure the stability of the ADP172. The transient response to
changes in load current is also affected by output capacitance.
Using a larger value of output capacitance improves the
transient response of the ADP172 to large changes in load
current. Figure 24 and Figure 25 show the transient responses
for output capacitance values of 1 μF and 4.7 μF, respectively.
CH1 200mA Ω CH2 50.0mV
B
W
M200ns
A CH1
112mA
1
2
T
500.000ns
ILOAD
VOUT
VOUT = 1.8V
CIN = COUT = 1µF
1mA TO 300mA LOAD STEP,
2.5A/µs
Figure 24. Output Transient Response, COUT = 1 μF
CH1 200mA Ω CH2 50.0mV
B
W
M200ns
A CH1
108mA
1
2
T
500.000ns
ILOAD
VOUT
VOUT = 1.8V
CIN = COUT = 4.7µF
1mA TO 300mA LOAD STEP,
2.5A/µs
Figure 25. Output Transient Response, COUT = 4.7 μF
Input Bypass Capacitor
Connecting a 1 μF capacitor from VIN to GND reduces the
circuit sensitivity to the printed circuit board (PCB) layout,
especially when long input traces or high source impedance
is encountered. If greater than 1 μF of output capacitance is
required, the input capacitor should be increased to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitor can be used with the ADP172,
as long as it meets the minimum capacitance and maximum ESR
requirements. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior over temper-
ature and applied voltage. Capacitors must have a dielectric
adequate to ensure the minimum capacitance over the necessary
temperature range and dc bias conditions. An X5R or X7R
dielectric with a voltage rating of 6.3 V or 10 V is recommended.
The Y5V and Z5U dielectrics are not recommended due to their
poor temperature and dc bias characteristics.
Figure 26 depicts the capacitance vs. bias voltage characteristics
of a 0402, 1 μF, 10 V X5R capacitor. The variance of a capacitor
is strongly influenced by the capacitor size and voltage rating. In
general, a capacitor in a larger package or with a higher voltage
rating exhibits less capacitance variance over bias voltage. The
temperature variation of the X5R dielectric is about ±15% over
the −40°C to +85°C temperature range and is not a function of
package or voltage rating.
1.2
1.0
0.8
0.6
0.4
0.2
0
0246
8
1
BIAS VOLTAGE (V)
0
Figure 26. Capacitance vs. Bias Voltage Characteristics
Use Equation 1 to determine the worst-case capacitance,
accounting for capacitor variation over temperature, component
tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com