Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADT7420UCPZ-R2 Datasheet HTML 1Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 2Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 3Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 4Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 5Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 6Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 7Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 8Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Preliminary Technical Data
ADT7420
Rev. PrA | Page 5 of
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
V
DD to GND
−0.3 V to +7 V
SDA Voltage to GND
−0.3 V to V
DD + 0.3 V
SCL Output Voltage to GND
−0.3 V to V
DD + 0.3 V
A0 Input Voltage to GND
−0.3 V to V
DD + 0.3 V
A1 Input Voltage to GND
−0.3 V to V
DD + 0.3 V
CT and INT Output Voltage to GND
−0.3 V to V
DD + 0.3 V
ESD Rating (Human Body Model)
2.0 kV
Operating Temperature Range
−40°C to +150°C
Storage Temperature Range
−65°C to +160°C
Maximum Junction Temperature, T
JMAX
150°C
16-Lead LFCSP (CP-16-17)
Power Dissipation1
W
MAX = (TJMAX − TA
2)/θ
JA
Thermal Impedance3
θ
JA, Junction-to-Ambient (Still Air)
121°C/W
θ
JC, Junction-to-Case
56°C/W
IR Reflow Soldering
220°C
Peak Temperature (RoHS-Compliant
Package)
260°C (0°C)
Time at Peak Temperature
20 sec to 40 sec
Ramp-Up Rate
3°C/sec maximum
Ramp-Down Rate
−6°C/sec maximum
Time from 25°C to Peak Temperature
8 minutes maximum
1 Values relate to package being used on a standard 2-layer PCB. This gives a
worst-case θJA and θJC.
2 T
A = ambient temperature.
3 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, for example, components mounted on a heat
sink. Junction-to-ambient is more useful for air-cooled, PCB-mounted
components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com