Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7420UCPZ-R2 Datasheet HTML 3Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 4Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 5Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 6Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 7Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 8Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 9Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 10Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Preliminary Technical Data
ADT7420
Rev. PrA | Page 7 of
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.5
0
0.5
1.0
–50
–30
–10
10
30
TEMPERATURE (°C)
50
70
90
110
130
Figure 4. Temperature Accuracy at 3 V
1.0
0
0.5
0.5
1.0
–50
–30
–10
10
30
TEMPERATURE (°C)
50
70
90
110
130
Figure 5. Temperature Accuracy at 5 V
0
0.05
0.10
0.15
0.20
0.25
0.30
–100
–50
0
50
100
150
200
TEMPERATURE (°C)
3.0V 1SPS
5.5V 1SPS
5.5V CONTINUOUS
CONVERSION
3.0V CONTINUOUS
CONVERSION
Figure 6. Operating Supply Current vs. Temperature
3.6V
TEMPERATURE (°C)
0
5
10
15
20
25
30
–100
–50
0
50
100
150
200
3.3V
3.0V
2.7V
4.5V
5.0V
5.5V
Figure 7. Shutdown Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com