Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT7420UCPZ-R2 Datasheet HTML 7Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 8Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 9Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 10Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 11Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 12Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 13Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 14Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Preliminary Technical Data
ADT7420
Rev. PrA | Page 11 of
SHUTDOWN
The ADT7420 can be placed in shutdown mode by writing 1
to Bit 5 and 1 to Bit 6 of the configuration register (Register
Address 0x03), in which case the entire IC is shut down and
no further conversions are initiated until the ADT7420 is
taken out of shutdown mode. The ADT7420 can be taken
out of shutdown mode by writing 0 to Bit 5 and 0 to Bit 6 in
the configuration register (Register Address 0x03). The
ADT7420 typically takes 1 ms (with a 0.1 µF decoupling
capacitor) to come out of shutdown mode. The conversion
result from the last conversion prior to shutdown can still be
read from the ADT7420 even when it is in shutdown mode.
When the part is taken out of shutdown mode, the internal
clock is started and a conversion is initiated.
FAULT QUEUE
Bit 0 and Bit 1 of the configuration register (Register Address
0x03) are used to set up a fault queue. The queue can facilitate up
to four fault events to prevent false tripping of the INT and CT pins
when the ADT7420 is used in a noisy temperature environment.
The number of faults set in the queue must occur consecutively
to set the INT and CT outputs. For example, if the number of
faults set in the queue is four, then four consecutive temperature
conversions must occur with each result exceeding a temperature
limit in any of the limit registers before the INT and CT pins are
activated. If two consecutive temperature conversions exceed a
temperature limit and the third conversion does not, the fault
count is reset back to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com