Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADT7420UCPZ-R2 Datasheet HTML 1Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 2Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 3Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 4Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 5Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 6Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 7Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 8Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
±0.25°C Accurate, 16-Bit Digital
I2C Temperature Sensor
Preliminary Technical Data
ADT7420
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Temperature accuracy: ±0.25°C from −20°C to +105°C
13- or 16-bit user selectable temperature-to-digital converter
Low drift silicon temperature sensor
No temperature calibration/correction required by user
Power saving 1 sample per second (SPS) mode
Fast first conversion on power-up of 6 ms
I2C-compatible interface
Operating temperature: −40°C to +150°C
Operating voltage: 2.7 V to 5.5 V
Critical overtemperature indicator
Programmable overtemperature/undertemperature interrupt
Low power consumption: 700 µW typical at 3.3 V
Shutdown mode for lower power: 7 µW typical at 3.3 V
16-lead RoHS-compliant LFCSP package
APPLICATIONS
RTD and thermistor replacement
Medical equipment
Cold junction compensation
Industrial control and test
Food transportation and storage
Environmental monitoring and HVAC
GENERAL DESCRIPTION
The ADT7420 is a high accuracy digital temperature sensor
offering breakthrough performance over a wide industrial
range, housed in an LFCSP package. It contains a band gap
temperature reference and a 13-bit ADC to monitor and digitize
the temperature to a 0.0625°C resolution. The ADC resolution,
by default, is set to 13 bits (0.0625°C). This can be changed to
16 bits (0.0078°C) by setting Bit 7 in the configuration register
to 1 (Register Address 0x03).
The ADT7420 is guaranteed to operate over supply voltages from
2.7 V to 5.5 V. Operating at 3.3 V, the average supply current is typi-
cally 210 μA. The ADT7420 has a shutdown mode that powers
down the device and offers a shutdown current of typically 2 μA.
The ADT7420 is rated for operation over the −40°C to +150°C
temperature range.
Pin A0 and Pin A1 are available for address selection, giving the
ADT7420 four possible I2C addresses. The CT pin is an open-
drain output that becomes active when the temperature exceeds
a programmable critical temperature limit. The default critical
temperature limit is 147°C. The INT pin is also an open-drain
output that becomes active when the temperature exceeds a
programmable limit. The INT and CT pins can operate in either
comparator or interrupt mode.
FUNCTIONAL BLOCK DIAGRAM
TEMPERATURE
VALUE
REGISTER
CONFIGURATION
REGISTER
THYST
REGISTER
TLOW
REGISTER
THIGH
REGISTER
TCRIT
REGISTER
POINTER
REGISTER
INTERNAL
REFERENCE
SOFTWARE
RESET
REGISTER
ID
REGISTER
STATUS
REGISTER
12
11
TEMPERATURE
SENSOR
THIGH
TCRIT
TLOW
INTERNAL
OSCILLATOR
FILTER
LOGIC
Σ-Δ
MODULATOR
VDD
GND
10
9
CT
INT
3
4
A0
A1
1
2
SCL
SDA
I2C INTERFACE
ADT7420
Figure 1.


Similar Part No. - ADT7420UCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results

Similar Description - ADT7420UCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804 Datasheet
839Kb / 54P
짹0.25째C Typ. Accuracy Digital Temperature Sensor
2009
logo
Analog Devices
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
logo
Analog Devices
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
16-Bit Digital I2C Temperature Sensor
Rev. C
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
-0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
MAX31889 MAXIM-MAX31889 Datasheet
531Kb / 31P
짹0.25째C Accurate I2C Temperature Sensor
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com