Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-1 Datasheet(PDF) 5 Page - Hirose Electric

Part # U.FL-R-SMT-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-1 Datasheet(HTML) 5 Page - Hirose Electric

  U.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
U.FL SeriesqUltra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
sHow to Specify Plug Cable Assembly
Double-Ended Cable Assembly
Single-Ended Cable Assembly
U.FL - [] LP - [] -A -
(L)
qOrdering Information
Series name
U.FL
L
L=35 to 200mm
L=200 to 500mm
L=500 to 1000mm
L=Longer than 1000mm
Standard Tolerance
±04mm
±08mm
±12mm
±1.5% of (L)
qStandard Tolerances for (L)
Note1: Minimum available length (L) is 35mm
Note2: Contact nearest HRS representative if different tolerances are
required.
Note3: Contact Nearest HRS representative if one end requires
preparation.
L
L
3
1
2
4
1
Assembly type
LP: Single ended
2LP: Double ended
2
Cable type
04 : Dia.0.81mm Coaxial Cable
068 : Dia.1.13mm Coaxial Cable
066 : Dia.1.32mm Coaxial Cable
062 : Dia.1 mm Coaxial Cable
088 : Dia.1.37mm Coaxial Cable
3
Total length(mm)
Length(L)
Please contact Hirose Sales Representative for cable length and cable end treatment.
4
Part No. of Plug
Part No. of Cable Assembly
Description
RoHS
U.FL-LP-040
U.FL-LP-066
U.FL-LP-066
U.FL-LP(V)-040
U.FL-LP-062
U.FL-LP-088
U.FL-2LP-04N1T-A-(L)
U.FL-2LP-04N2T-A-(L)
U.FL-LP-04N1T-A-(L)
U.FL-LP-04N2T-A-(L)
U.FL-2LP-068N1T-A-(L)
U.FL-2LP-068N2T-A-(L)
U.FL-LP-068N1T-A-(L)
U.FL-LP-068N2T-A-(L)
U.FL-2LP-066N1-A-(L)
U.FL-2LP-066N2-A-(L)
U.FL-LP-066N1-A-(L)
U.FL-LP-066N2-A-(L)
U.FL-2LP(V)-04N1T-A-(L)
U.FL-2LP(V)-04N2T-A-(L)
U.FL-LP(V)-04N1T-A-(L)
U.FL-LP(V)-04N2T-A-(L)
U.FL-2LP-062N1D-A-(L)
U.FL-2LP-062N2D-A-(L)
U.FL-LP-062N1D-A-(L)
U.FL-LP-062N2D-A-(L)
U.FL-2LP-088N1T-A-(L)
U.FL-2LP-088N2T-A-(L)
U.FL-LP-088N1T-A-(L)
U.FL-LP-088N2T-A-(L)
Dia. 0.81mm double ended coaxial cable, color: white
Dia. 0.81mm double ended coaxial cable, color: black
Dia. 0.81mm single ended coaxial cable, color: white
Dia. 0.81mm single ended coaxial cable, color: black
Dia. 1.13mm double ended coaxial cable, color: gray
Dia. 1.13mm double ended coaxial cable, color: black
Dia. 1.13mm single ended coaxial cable, color: gray
Dia. 1.13mm single ended coaxial cable, color: black
Dia. 1.32mm double ended coaxial cable, color: gray
Dia. 1.32mm double ended coaxial cable, color: black
Dia. 1.32mm single ended coaxial cable, color: gray
Dia. 1.32mm single ended coaxial cable, color: black
Dia. 0.81mm double ended coaxial cable, color: white
Dia. 0.81mm double ended coaxial cable, color: black
Dia. 0.81mm single ended coaxial cable, color: white
Dia. 0.81mm single ended coaxial cable, color: black
Dia. 1mm double ended coaxial cable, color: gray
Dia. 1mm double ended coaxial cable, color: black
Dia. 1mm single ended coaxial cable, color: gray
Dia. 1mm single ended coaxial cable, color: black
Dia. 1.37mm double ended coaxial cable, color: gray
Dia. 1.37mm double ended coaxial cable, color: black
Dia. 1.37mm single ended coaxial cable, color: gray
Dia. 1.37mm single ended coaxial cable, color: black
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com