Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-1 Datasheet(PDF) 4 Page - Hirose Electric

Part # U.FL-R-SMT-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-1 Datasheet(HTML) 4 Page - Hirose Electric

  U.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U.FL SeriesqUltra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
4
sCable Assembly (Plug)
qCable Guide
Dia.0.81mm
Coaxial Cable
04
7/0.05 SA
(AWG36)
Dia.0.40
PFA
Single
Shield TA[SA]
Dia.0.81
PFA
50 ohms
6.52dB/m
[6.45dB/m]
9.52dB/m
[9.42dB/m]
Dia.1.13mm
Coaxial Cable
068
7/0.08 SA
(AWG32)
Dia.0.68
FEP
Single
Shield TA[SA]
Dia.1.13
FEP
50 ohms
3.73dB/m
[3.43dB/m]
5.44dB/m
[5.13dB/m]
Dia.1.32mm
Coaxial Cable
066
7/0.08 SA
(AWG32)
Dia.0.66
FEP
Double
Shield TA
Dia.1.32
FEP
50 ohms
3.8dB/m
5.6dB/m
Dia.1mm
Coaxial Cable
062
7/0.071 SA
(AWG33)
Dia.0.62
FEP
Tape, single
Shield TAT
Dia.1
FEP
50 ohms
3.1dB/m
4.4dB/m
Dia.1.37mm
Coaxial Cable
(data as provided by cable suppliers, for reference only)
* SA : Silver plated annealed copper wire, TA : Tin plated annealed copper wire, TAT : Tin plated copper wire alloyed with tin
088
7/0.102 SA
(AWG30)
Dia.0.88
FEP
Single
Shield TA
Dia.1.37
FEP
50 ohms
2.8dB/m
4.3dB/m
Description
Cable
Type
Cable Specification
Inner
Conductor*
Dielectric
Diameter
Outer
Conductor*
Jacket
Diameter
Nominal
Impedance
Nominal attenuation
At 3GHz
At 6GHz
Part No.
Mated Height
Applicable
cable
Weight (mg)
RoHS
2.5mm Max.
2.5mm Max.
2.0mm Max.
2.4mm Max.
2.4mm Max.
(2.4mm Nom.)
(2.4mm Nom.)
(1.9mm Nom.)
(2.3mm Nom.)
(2.3mm Nom.)
Dia. 0.81mm
Dia. 0.81mm
Dia. 1mm
Dia. 1.37mm
Coaxial cable
Coaxial cable
Coaxial cable
Coaxial cable
53.7
59.1
34.8
45.5
71.7
YES
Dia. 1.13mm and
Dia. 1.32mm
Coaxial cable
U.FL-LP-040
U.FL-LP-062
U.FL-LP-088
5
U.FL-LP-066
U.FL-LP(V)-040
3.4
4
4
4
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com