Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-1 Datasheet(PDF) 6 Page - Hirose Electric

Part # U.FL-R-SMT-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-1 Datasheet(HTML) 6 Page - Hirose Electric

  U.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
U.FL SeriesqUltra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
6
sConversion Adapters
qSMA Conversion Adapter
(Mating portion: U.FL side jack - SMA side plug)
Note: The U.FL side mating portions has a lower lock retention
force than the regular product, therefore, cannot be used
for purposes other than performance measurements.
sReceptacle to Inspection
This receptacle is used for inspecting the continuity, withstand
voltage, and other aspects of the harness product.
Note: Part No. U.FL-LP-N-2 for U.FL-LP-040/066/088.
Part No. U.FL-LP(V)-N-2 for U.FL-LP(V)-040/U.FL-LP-062.
sPlug Extraction Tool
This jig is used for extraction from a mating condition.
qSMA Conversion Adapter
(Mating portion: U.FL side plug - SMA side jack)
Note: The U.FL side mating portions has a lower lock retention
force than the regular product, therefore, cannot be used
for purposes other than performance measurements.
qSMA Conversion Adapter
(Mating portion: U.FL side plug - SMA side jack)
Note: This connector is used by compressing the mated
portion of U.FL side onto the U.FL-R-SMT-1 portion.
YES
Part No.
HRMP-U.FLJ(40)
CL No.
311-0300-2-40
(10.7)
8HEX
YES
Part No.
HRMJ-U.FLP(40)
CL No.
311-0301-5-40
14.05
1/4-36UNS-2A
6
5.6
(4.05)
RoHS
YES
Part No.
HRMJ-U.FLP-ST1(40)
CL No.
311-0385-5-40
(18.6)
1/4-36UNS-2A
6
5.5
(4)
RoHS
YES
Part No.
U.FL-R-1
CL No.
331-0466-0
12.9
5
7HEX
M5∞0.5
1
(7.9)
(4.4)
RoHS
YES
Part No.
U.FL-LP-N-2
U.FL-LP(V)-N-2
CL No.
331-0494-5
331-0493-2
U.FL
(90)
50
RoHS
RoHS
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com