Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-1 Datasheet(PDF) 7 Page - Hirose Electric

Part # U.FL-R-SMT-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-1 Datasheet(HTML) 7 Page - Hirose Electric

  U.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-1 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
U.FL SeriesqUltra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
sUsage Precautions
1. Plugs
(1) Mating / unmating
(2) Pull forces on the
cable after connectors
are mated.
(3) Precautions
1) To disconnect connectors, insert the end portion of U.FL-LP-N-2 and U.FL-LP(V)-N-2 under the connector flanges
and pull off vertically, in the direction of the connector mating axis.
2) To mate the connectors, the mating axes of both connectors must be
aligned and the connectors can be mated. The "click" will confirm fully
mated connection.Do not attempt to insert on an extreme angle.
After the connectors are mating, do not apply a load to the cable in excess of the values indicated in the diagram
below.
Do NOT forcefully twist or deform wires.
(1) Recommended reflow
temperature profile
(3) Recommended metal
mask thickness
(4) Reflow cycles
0.1 to 0.12 mm
2 times
(2) Recommended
manual soldering
Manual soldering: 350˚C for 5 seconds
2. Receptacles
q The temperature of the printed circuit board
surface temperature at the points of contact with
the terminals.
w Reflow soldering should be performed at a
printed circuit surface temperature of 250°C max.
e In individual applications the actual temperature
may vary, depending on the solder paste type,
volume / thickness and board size / thickness.
Consuly your solder paste and equipment
manufacturer for specific recommendations.
(1) Operating environment
The connectors are not designed to operate in the following environments:
• Exposed to a excessive amounts of fine particles and dust
• Regions and places having a high density of sulfur dioxide, hydrogen sulfide, nitrogen dioxide or other corrosive gasses.
• Environments having large rapid variations in temperature.
(2) Storage conditions -
Receptacle
Store in the Hirose Electric packaging.
Temperature: -10 to +40ç, Humidity: 85% max.
Use within 6 months of delivery.
Receptacles for which the storage period has elapsed must be tested for solderability to the PC board mounting surface.
3. Operating environment and storage conditions
Extraction Jig
U.FL-R-SMT-1
U.FL Cable
Assembly
80
100
120
140
160
180
200
220
240
260
[ç]
Preheat
(130 to 180ç)
230ç
220ç
50 seconds max.
120 seconds max.
60 seconds max.
Time
250 ç max. for
10 seconds
1N max (U.FL-LP(V)-040, U.FL-LP-062)
2N max (U.FL-LP-040, U.FL-LP-066, U.FL-LP-088)
1N max (U.FL-LP(V)-040, U.FL-LP-062)
2N max (U.FL-LP-040, U.FL-LP-066, U.FL-LP-088)
3N max (U.FL-LP(V)-040, U.FL-LP-062)
4N max (U.FL-LP-040, U.FL-LP-066, U.FL-LP-088)
U.FL-LP
Cable Assembly
U.FL-R-SMT-1
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com