Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 17Page - NXP Semiconductors SC28L92 Datasheet HTML 18Page - NXP Semiconductors SC28L92 Datasheet HTML 19Page - NXP Semiconductors SC28L92 Datasheet HTML 20Page - NXP Semiconductors SC28L92 Datasheet HTML 21Page - NXP Semiconductors SC28L92 Datasheet HTML 22Page - NXP Semiconductors SC28L92 Datasheet HTML 23Page - NXP Semiconductors SC28L92 Datasheet HTML 24Page - NXP Semiconductors SC28L92 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
21 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
A receiver reset will discard the present shift register date, reset the receiver ready bit
(RxRDY), clear the status of the byte at the top of the FIFO and realign the FIFO
read/write pointers.
6.3.7 Watchdog
A watchdog timer is associated with each receiver. Its interrupt is enabled by MR0[7]. The
purpose of this timer is to alert the control processor that characters are in the Rx FIFO
which have not been read. This situation may occur at the end of a transmission when the
last few characters received are not sufficient to cause an interrupt.
This counter times out after 64 bit times. It is reset each time a character is transferred
from the receiver shift register to the Rx FIFO or a read of the Rx FIFO is executed.
6.3.8 Receiver time-out mode
In addition to the watchdog timer described in Section 6.3.7, the counter/timer may be
used for a similar function. Its programmability, of course, allows much greater precision of
time-out intervals.
The time-out mode uses the received data stream to control the counter. Each time a
received character is transferred from the shift register to the Rx FIFO, the counter is
restarted. If a new character is not received before the counter reaches zero count, the
counter ready bit is set, and an interrupt can be generated. This mode can be used to
indicate when data has been left in the Rx FIFO for more than the programmed time limit.
Otherwise, if the receiver has been programmed to interrupt the CPU when the receive
FIFO is full, and the message ends before the FIFO is full, the CPU may not know there is
data left in the FIFO. The CTU and CTL value would be programmed for just over one
character time, so that the CPU would be interrupted as soon as it has stopped receiving
continuous data. This mode can also be used to indicate when the serial line has been
marking for longer than the programmed time limit. In this case, the CPU has read all of
the characters from the FIFO, but the last character received has started the count. If
there is no new data during the programmed time interval, the counter ready bit will get
set, and an interrupt can be generated.
The time-out mode is enabled by writing the appropriate command to the command
register. Writing 0xA to CRA or CRB will invoke the time-out mode for that channel.
Writing 0xC to CRA or CRB will disable the time-out mode. The time-out mode should
only be used by one channel at once, since it uses the C/T. If, however, the time-out mode
is enabled from both receivers, the time-out will occur only when both receivers have
stopped receiving data for the time-out period. CTU and CTL must be loaded with a value
greater than the normal receive character period. The time-out mode disables the regular
start counter or stop counter commands and puts the C/T into counter mode under the
control of the received data stream. Each time a received character is transferred from the
shift register to the Rx FIFO, the C/T is stopped after one C/T clock, reloaded with the
value in CTU and CTL and then restarted on the next C/T clock. If the C/T is allowed to
end the count before a new character has been received, the counter ready bit, ISR[3], will
be set. If IMR[3] is set, this will generate an interrupt. Receiving a character after the C/T
has timed out will clear the counter ready bit, ISR[3], and the interrupt. Invoking the set
time-out mode on command, CRx = 0xA, will also clear the counter ready bit and stop the
counter until the next character is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com