Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 35Page - NXP Semiconductors SC28L92 Datasheet HTML 36Page - NXP Semiconductors SC28L92 Datasheet HTML 37Page - NXP Semiconductors SC28L92 Datasheet HTML 38Page - NXP Semiconductors SC28L92 Datasheet HTML 39Page - NXP Semiconductors SC28L92 Datasheet HTML 40Page - NXP Semiconductors SC28L92 Datasheet HTML 41Page - NXP Semiconductors SC28L92 Datasheet HTML 42Page - NXP Semiconductors SC28L92 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
39 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
7.3.4.2
Status Register channel B (SRB)
[1]
These status bits are appended to the corresponding data character in the receive FIFO. A read of the
status provides these bits [7:5] from the top of the FIFO together with bits [4:0]. These bits are cleared by a
reset error status command. In character mode they are discarded when the corresponding data character
is read from the FIFO. In block error mode, the error-reset command (command 0x4 or receiver reset) must
used to clear block error conditions.
The bit definitions for this register are identical to the bit definitions for SRA, except that all
status applies to the channel B receiver and transmitter and the corresponding inputs and
outputs.
7.3.5 Output Configuration Control Register (OPCR)
This register controls the signal presented by the OP[7:2] pins. The signal presented by
the OP[1:0] pins is controlled by the Rx, Tx, and the command register. The default
condition of the OP pins is to drive the complement of the data in the OPR[7:0] register.
When OP[7:2] pins drive DMA or interrupt type signals, they switch to open-drain
configuration. Otherwise, they drive strong logic 0 or logic 1 levels.
Table 43.
SRB - Status register channel B (address 0x9) bit allocation
7
6
5
4
3
2
1
0
received
break[1]
framing
error[1]
parity
error[1]
overrun
error
TxEMTB
TxRDYB
RxFULLB
RxRDYB
Table 44.
OPCR - Output configuration control register (address 0xD) bit allocation
7
6
5
4
3
2
1
0
configure
OP7
configure
OP6
configure
OP5
configure
OP4
configure OP3
configure OP2
Table 45.
OPCR - Output configuration control register (address 0xD) bit description
Bit
Symbol
Description
7
-
OP7 output select
0 = The complement of OPR[7]
1 = The channel B transmitter interrupt output which is the complement of
ISR[4]. When in this mode OP7 acts as an open-drain output. Note that
this output is not masked by the contents of the IMR.
6
-
OP6 output select
0 = The complement of OPR[6]
1 = The channel A transmitter interrupt output which is the complement of
ISR[0]. When in this mode OP6 acts as an open-drain output. Note that
this output is not masked by the contents of the IMR.
5
-
OP5 output select
0 = The complement of OPR[5]
1 = The channel B receiver interrupt output which is the complement of
ISR[5]. When in this mode OP5 acts as an open-drain output. Note that
this output is not masked by the contents of the IMR.
4
-
OP4 output select
0 = The complement of OPR[4]
1 = The channel A receiver interrupt output which is the complement of
ISR[1]. When in this mode OP4 acts as an open-drain output. Note that
this output is not masked by the contents of the IMR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com