Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 45Page - NXP Semiconductors SC28L92 Datasheet HTML 46Page - NXP Semiconductors SC28L92 Datasheet HTML 47Page - NXP Semiconductors SC28L92 Datasheet HTML 48Page - NXP Semiconductors SC28L92 Datasheet HTML 49Page - NXP Semiconductors SC28L92 Datasheet HTML 50Page - NXP Semiconductors SC28L92 Datasheet HTML 51Page - NXP Semiconductors SC28L92 Datasheet HTML 52Page - NXP Semiconductors SC28L92 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
49 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
The counter ready status bit (ISR[3]) is set once each cycle of the square wave. The bit is
reset by a stop counter command (read with A3 to A0 = 1111). The command however,
does not stop the C/T. The generated square wave is output on OP3 if it is programmed to
be the C/T output. In the counter mode, the value C/T loaded into CTPU and CTPL by the
CPU is counted down to 0. Counting begins upon receipt of a start counter command.
Upon reaching terminal count 0x0000, the counter ready interrupt bit (ISR[3]) is set. The
counter continues counting past the terminal count until stopped by the CPU. If OP3 is
programmed to be the output of the C/T, the output remains HIGH until terminal count is
reached, at which time it goes LOW. The output returns to the HIGH state and ISR[3] is
cleared when the counter is stopped by a stop counter command. The CPU may change
the values of CTPU and CTPL at any time, but the new count becomes effective only on
the next start counter commands. If new values have not been loaded, the previous count
values are preserved and used for the next count cycle.
In the counter mode, the current value of the upper and lower 8 bits of the counter (CTU,
CTL) may be read by the CPU. It is recommended that the counter be stopped when
reading to prevent potential problems which may occur if a carry from the lower 8 bits to
the upper 8 bits occurs between the times that both halves of the counter are read.
However, note that a subsequent start counter command will cause the counter to begin a
new count cycle using the values in CTPU and CTPL.
When the C/T clock divided by 16 is selected, the maximum divisor becomes 1,048,575.
7.4 Output port notes
The output ports are controlled from four places: the OPCR register, the OPR register, the
MR registers and the command register (except the SCC2681 and SCC68681). The
OPCR register controls the source of the data for the output ports OP2 to OP7. The data
source for output ports OP0 and OP1 is controlled by the MR and CR registers. When the
OPR is the source of the data for the output ports, the data at the ports is inverted from
that in the OPR register.
The content of the OPR register is controlled by the Set Output Port bits command and
the Reset Output Port bits command. These commands are at 0xE and 0xF, respectively.
When these commands are used, action takes place only at the bit locations where ones
exist. For example, a logic 1 in bit location 5 of the data word used with the Set Output
Port bits command will result in OPR5 being set to one. The OP5 would then be set to
logic 0 (VSS). Similarly, a logic 1 in bit position 5 of the data word associated with the
Reset Output Ports bits command would set OPR5 to logic 0 and, hence, the pin OP5 to a
logic 1 (VDD).
7.5 The CTS, RTS, CTS enable Tx signals
Clear To Send (CTS) is usually meant to be a signal to the transmitter meaning that it may
transmit data to the receiver. The CTS input is on pin IP0 for TxA and on IP1 for TxB. The
CTS signal is active LOW; thus, it is called CTSAN for TxA and CTSBN for TxB. RTS is
usually meant to be a signal from the receiver indicating that the receiver is ready to
receive data. It is also active LOW and is, thus, called RTSAN for RxA and RTSBN for
RxB. RTSAN is on pin OP0 and RTSBN is on OP1. A receiver’s RTS output will usually be
connected to the CTS input of the associated transmitter. Therefore, one could say that
RTS and CTS are different ends of the same wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com