Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C652B Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 17Page - NXP Semiconductors SC68C652B Datasheet HTML 18Page - NXP Semiconductors SC68C652B Datasheet HTML 19Page - NXP Semiconductors SC68C652B Datasheet HTML 20Page - NXP Semiconductors SC68C652B Datasheet HTML 21Page - NXP Semiconductors SC68C652B Datasheet HTML 22Page - NXP Semiconductors SC68C652B Datasheet HTML 23Page - NXP Semiconductors SC68C652B Datasheet HTML 24Page - NXP Semiconductors SC68C652B Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
21 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
7.4 Interrupt Status Register (ISR)
The SC68C652B provides six levels of prioritized interrupts to minimize external software
interaction. The Interrupt Status Register (ISR) provides the user with six interrupt status
bits. Performing a read cycle on the ISR will provide the user with the highest pending
interrupt level to be serviced. No other interrupts are acknowledged until the pending
interrupt is serviced. A lower level interrupt may be seen after servicing the higher level
interrupt and re-reading the interrupt status bits. Table 14 “Interrupt source” shows the
data values (bit 0 to bit 5) for the six prioritized interrupt levels and the interrupt sources
associated with each of these interrupt levels.
Table 14.
Interrupt source
Priority
level
ISR[5]
ISR[4]
ISR[3]
ISR[2]
ISR[1]
ISR[0]
Source of the interrupt
1
0
00110LSR (Receiver Line Status Register)
2
0
00100
RXRDY (Received Data Ready)
2
0
01100
RXRDY (Receive Data time-out)
3
0
00010
TXRDY (Transmitter Holding
Register Empty)
4
0
00000
MSR (Modem Status Register)
5
0
10000
RXRDY (received Xoff signal)/
special character
6
1
00000CTS, RTS change-of-state
Table 15.
Interrupt Status Register bits description
Bit
Symbol
Description
7:6
ISR[7:6]
FIFOs enabled. These bits are set to a logic 0 when the FIFOs are not
being used in the 16C450 mode. They are set to a logic 1 when the
FIFOs are enabled in the SC68C652B mode.
logic 0 or cleared = default condition
5:4
ISR[5:4]
INT priority bits 4:3. These bits are enabled when EFR[4] is set to a
logic 1. ISR[4] indicates that matching Xoff character(s) have been
detected. ISR[5] indicates that CTS, RTS have been generated. Note
that once set to a logic 1, the ISR[4] bit will stay a logic 1 until Xon
character(s) are received.
logic 0 or cleared = default condition
3:1
ISR[3:1]
INT priority bits 2:0. These bits indicate the source for a pending
interrupt at interrupt priority levels 1, 2, and 3 (see Table 14).
logic 0 or cleared = default condition
0
ISR[0]
INT status
logic 0 = an interrupt is pending and the ISR contents may be used
as a pointer to the appropriate interrupt service routine
logic 1 = no interrupt pending (normal default condition)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com