Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C652B Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 28Page - NXP Semiconductors SC68C652B Datasheet HTML 29Page - NXP Semiconductors SC68C652B Datasheet HTML 30Page - NXP Semiconductors SC68C652B Datasheet HTML 31Page - NXP Semiconductors SC68C652B Datasheet HTML 32Page - NXP Semiconductors SC68C652B Datasheet HTML 33Page - NXP Semiconductors SC68C652B Datasheet HTML 34Page - NXP Semiconductors SC68C652B Datasheet HTML 35Page - NXP Semiconductors SC68C652B Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
32 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
(1) CS timing during a write cycle. See Figure 6.
(2) CS timing during a read cycle. See Figure 5.
Fig 7.
Modem input/output timing
td7
change of state
td8
td8
td9
002aab089
td8
change of state
change of state
change of state
active
active
active
active
active
active
active
change of state
RTSA, RTSB
DTRA, DTRB
CS (write)(1)
CDA, CDB
CTSA, CTSB
DSRA, DSRB
IRQ
CS (read)(2)
RIA, RIB
Fig 8.
External clock timing
external clock
002aac357
tw(clk)
tWL
tWH
f
XTAL
1
t
wclk
()
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com