Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C652B Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 10Page - NXP Semiconductors SC68C652B Datasheet HTML 11Page - NXP Semiconductors SC68C652B Datasheet HTML 12Page - NXP Semiconductors SC68C652B Datasheet HTML 13Page - NXP Semiconductors SC68C652B Datasheet HTML 14Page - NXP Semiconductors SC68C652B Datasheet HTML 15Page - NXP Semiconductors SC68C652B Datasheet HTML 16Page - NXP Semiconductors SC68C652B Datasheet HTML 17Page - NXP Semiconductors SC68C652B Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
14 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
MCR[0] DTR, MCR[3] (OP2) and MCR[2] (OP1). Loopback test data is entered into the
transmit holding register via the user data bus interface, D0 to D7. The transmit UART
serializes the data and passes the serial data to the receive UART via the internal
loopback connection. The receive UART converts the serial data back into parallel data
that is then made available at the user data interface D0 to D7. The user optionally
compares the received data to the initial transmitted data for verifying error-free operation
of the UART transmit/receive circuits.
In this mode, the receiver and transmitter interrupts are fully operational. The Modem
Control Interrupts are also operational.
Fig 4.
Internal loopback mode diagram
CTSA, CTSB
TRANSMIT
FIFO
REGISTERS
TXA, TXB
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTERS
RXA, RXB
SC68C652B
TRANSMIT
SHIFT
REGISTER
XTAL2
XTAL1
002aab326
FLOW
CONTROL
LOGIC
DATA BUS
AND
CONTROL
LOGIC
REGISTER
SELECT
LOGIC
INTERRUPT
CONTROL
LOGIC
CLOCK AND
BAUD RATE
GENERATOR
MODEM
CONTROL
LOGIC
FLOW
CONTROL
LOGIC
RTSA, RTSB
DSRA, DSRB
DTRA, DTRB
RIA, RIB
(OP1A, OP1B)
CDA, CDB
(OP2A, OP2B)
IR
ENCODER
IR
DECODER
D0 to D7
R/W
RESET
A0 to A3
CS
IRQ
TXRDYA, TXRDYB
RXRDYA, RXRDYB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com