Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45R35
Description  C/R to F Type 8-Bit OTP MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45R35 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
HT45R35
Rev. 1.30
10
May 14, 2010
Interrupt
The devices provides two external interrupts, one inter-
nal 8-bit timer/event counter interrupt and one external
RC oscillation converter interrupt. The interrupt control
register 0, INTC0, and interrupt control register 1,
INTC1, both contain the interrupt control bits that are
used to set the enable/disable and interrupt request
flags.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked, as the EMI bit will be cleared au-
tomatically. However this scheme may prevent further
interrupt nesting. Other interrupt requests may happen
during this interval but only the interrupt request flag is
recorded. If a certain interrupt requires servicing within
the service routine, the EMI bit and the corresponding
bit of the INTC0 and INTC1 registers may be set to allow
interrupt nesting.
If the stack is full, the interrupt request will not be ac-
knowledged, even if the related interrupt is enabled, un-
til the Stack Pointer is decremented. If immediate
service is desired, the stack must be prevented from be-
coming full.
All interrupts have a wake-up capability. As an interrupt
is serviced, a control transfer occurs by pushing the pro-
gram counter onto the stack, followed by a branch to a
subroutine at a specified location in the program mem-
ory. Only the program counter is pushed onto the stack.
If the contents of the accumulator or status register are
altered by the interrupt service program, this may cor-
rupt the desired control sequence, therefore their con-
tents should be saved in advance.
External interrupts are triggered by an edge transition
on pins INT0 or INT1. A configuration option enables
these pins as interrupts and selects if they are active on
high to low or low to high transitions. If active their re-
lated interrupt request flag, EIF0; bit 4 in INTC0, and
EIF1; bit 5 in INTC0, will be set. After the interrupt is en-
abled, the stack is not full, and the external interrupt is
active, a subroutine call to location
²04H² or ²08H² will
occur. The interrupt request flags, EIF0 or EIF1, and the
EMI bit will all be cleared to disable other interrupts.
The internal Timer/Event Counter interrupt is initialised
by setting the Timer/Event Counter interrupt request
flag, TF; bit 6 in INTC0. A timer interrupt will be gener-
ated when the timer overflows. After the interrupt is en-
abled, and the stack is not full, and the TF bit is set, a
subroutine call to location
²0CH² will occur. The related
interrupt request flag, TF, is reset, and the EMI bit is
cleared to disable other interrupts.
The external RC oscillation converter interrupt is initial-
ized by setting the external RC oscillation converter inter-
rupt request flag, RCOCF; bit 4 of INTC1. This is caused
by a Timer A or Timer B overflow. When the interrupt is
enabled, and the stack is not full and the RCOCF bit is
set, a subroutine call to location
²10H² will occur. The re-
lated interrupt request flag, RCOCF, will be reset and the
EMI bit cleared to disable further interrupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1, if the stack is not full. To
return from the interrupt subroutine, a
²RET² or ²RETI²
instruction may be invoked. RETI will set the EMI bit to
enable an interrupt service, but RET will not.
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1= enabled; 0= disabled)
1
EEI0
Controls the external interrupt 0 (1= enabled; 0= disabled)
2
EEI1
Controls the external interrupt 1 (1= enabled; 0= disabled)
3
ETI
Controls the Timer/Event Counter interrupt (1= enabled; 0= disabled)
4
EIF0
External interrupt 0 request flag (1= active; 0= inactive)
5
EIF1
External interrupt 1 request flag (1= active; 0= inactive)
6
TF
Internal Timer/Event Counter request flag (1= active; 0= inactive)
7
¾
Unused bit, read as
²0²
INTC0 (0BH) Register
Bit No.
Label
Function
0
ERCOCI Controls the external RC oscillation converter interrupt (1= enabled; 0= disabled)
1~3, 5~7
¾
Unused bit, read as
²0²
4
RCOCF
External RC oscillation converter request flag (1= active; 0= inactive)
INTC1 (1EH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com