Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT45R35
Description  C/R to F Type 8-Bit OTP MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT45R35 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
· MO-095a (see fig2)
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.745
¾
0.785
B
0.275
¾
0.295
C
0.120
¾
0.150
D
0.110
¾
0.150
E
0.014
¾
0.022
F
0.045
¾
0.060
G
¾
0.100
¾
H
0.300
¾
0.325
I
¾¾
0.430
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
18.92
¾
19.94
B
6.99
¾
7.49
C
3.05
¾
3.81
D
2.79
¾
3.81
E
0.36
¾
0.56
F
1.14
¾
1.52
G
¾
2.54
¾
H
7.62
¾
8.26
I
¾¾
10.92
HT45R35
Rev. 1.30
40
May 14, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com