Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45R35
Description  C/R to F Type 8-Bit OTP MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45R35 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
HT45R35
Rev. 1.30
14
May 14, 2010
Reset
There are three ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
A WDT time-out, when the device is in the Power Down
mode, is different from other device reset conditions, in
that it can perform a
²warm reset² that resets only the
Program Counter and the Stack Poiner, leaving the
other circuits in their original state. Some registers re-
main unchanged during other reset conditions. Most
registers are reset to their
²initial condition² when the re-
set conditions are met. By examining the PDF and TO
flags, the program can distinguish between the different
device reset types.
TO
PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² means ²unchanged²
To guarantee that the system oscillator is started and
stabilised, the SST or System Start-up Timer, provides
an extra-delay of 1024 system clock pulses when the
system is reset (power-up, WDT time-out or RES reset)
or when the system awakens from a Power Down state.
When a system reset occurs, the SST delay is added
during the reset period. Any wake-up the Power Down
mode will enable the SST delay.
An extra option load time delay is added during a system
reset (power-up, WDT time-out during normal mode or a
RES reset).
The functional unit device reset status are shown below.
Program Counter
000H
Interrupt
Disable
Prescaler
Clear
WDT
Clear. After master reset,
WDT begins counting
Timer/Event Counter
Off
Input/Output Ports
Input mode
Stack Pointer
Points to the top of the stack
W a r m R e s e t
W D T
H A L T
C o l d
R e s e t
R E S
S y s t e m R e s e t
S S T
1 0 - b i t R i p p l e
C o u n t e r
O S C 1
Reset Configuration
R E S
V D D
1 0 0 k W
1 0 k W
0 . 0 1 m F
R E S
V D D
1 0 0 k W
0 . 1 m F
0 . 1 m F
B a s i c
R e s e t
C i r c u i t
H i - n o i s e
R e s e t
C i r c u i t
Reset Circuit
Note:
Most applications can use the Basic Reset Cir-
cuit as shown, however for applications with ex-
tensive noise, it is recommended to use the
Hi-noise Reset Circuit.
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com