Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45R35
Description  C/R to F Type 8-Bit OTP MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45R35 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
HT45R35
Rev. 1.30
18
May 14, 2010
the Timer A/Timer B (16-bit) simultaneously. Timer
A/Timer B is changed by writing to TMRAH/TMRBH but
writing to TMRAL/TMRBL will keep the Timer A/Timer B
unchanged.
Reading TMRAH/TMRBH will also latch the
TMRAL/TMRBL into the low byte buffer to avoid false
timing problem. Reading TMRAL/TMRBL returns the
contents of the low byte buffer. Therefore, the low byte
of Timer A/Timer B can not be read directly. It must read
TMRAH/TMRBH first to ensure that the low byte con-
tents of Timer A/Timer B are latched into the buffer.
The resistor and capacitor form an oscillation circuit and
input to TMRBH and TMRBL. The RCOM0, RCOM1
and RCOM2 bits of RCOCCR define the clock source of
Timer A. It is recommended that the clock source of
Timer A uses the system clock or the instruction clock.
If the RCOCON bit, bit 4 of RCOCCR, is set to
²1², Timer
A and Timer B will start counting until Timer A or Timer B
overflows, the timer/event counter will then generate an
interrupt request flag which is RCOCF; bit 4 of INTC1.
The Timer A and Timer B will stop counting and will reset
the RCOCON bit to
²0² at the same time. If the
RCOCON bit is
²1², TMRAH, TMRAL, TMRBH and
TMRBL cannot be read or written.
External RC oscillation converter mode example program - Timer A overflow:
clr RCOCCR
mov a, 00000010b
; Enable External RC oscillation mode and set Timer A overflow
mov RCOCR,a
clr intc1.4
; Clear External RC Oscillation Converter interrupt request flag
mov a, low (65536-1000)
; Give timer A initial value
mov tmral, a
; Timer A count 1000 time and then overflow
mov a, high (65536-1000)
mov tmrah, a
mov a, 00h
; Give timer B initial value
mov tmrbl, a
mov a, 00h
mov tmrbh, a
mov a, 00110000b
; Timer A clock source=fSYS/4 and timer on
mov RCOCCR, a
p10:
clr wdt
snz intc1.4
; Polling External RC Oscillation Converter interrupt request flag
jmp p10
clr intc1.4
; Clear External RC Oscillation Converter interrupt request flag
; Program continue
T i m e r A
T i m e r B
O V B = 1
O V B = 0
E x t e r n a l R C O s c i l l a t i o n C o n v e r t e r I n t e r r u p t
R e s e t R C O C O N
R C O S C O u t p u t
S 2
S 1
S y s t e m C l o c k
S y s t e m C l o c k / 4
R C O C O N
External RC Oscillation Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com