Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308VMAFDA Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC8308VMAFDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMAFDA Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMAFDA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
Freescale Semiconductor
35
PCI Express
11.3
Clocking Dependencies
The ports on the two ends of a link must transmit data at a rate that is within 600 parts per million (ppm)
of each other at all times. This is specified to allow bit rate clock sources with a ±300 ppm tolerance.
11.4
Physical Layer Specifications
Following is a summary of the specifications for the physical layer of PCI Express on this device. For
further details as well as the specifications of the transport and data link layer please use the PCI Express
Base Specification, Rev. 1.0a.
11.4.1
Differential Transmitter (TX) Output
Table 34 defines the specifications for the differential output at all transmitters (TXs). The parameters are
specified at the component pins.
Table 34. Differential Transmitter (TX) Output Specifications
Parameter
Symbol
Comments
Min
Typical
Max
Units
Notes
Unit interval
UI
Each UPETX is 400 ps ±
300 ppm. UPETX does not
account for Spread
Spectrum Clock dictated
variations.
399.88
400
400.12
ps
1
Differential peak-to-peak
output voltage
VTX-DIFFp-p
VPEDPPTX = 2*|VTX-D+ -
VTX-D-|
0.8
—
1.2
V
2
De-Emphasized
differential output voltage
(ratio)
VTX-DE-RATIO
Ratio of the VPEDPPTX of
the second and following
bits after a transition
divided by the VPEDPPTX
of the first bit after a
transition.
–3.0
–3.5
–4.0
dB
2
Minimum TX eye width
TTX-EYE
The maximum Transmitter
jitter can be derived as
TTX-MAX-JITTER = 1 -
UPEEWTX= 0.3 UI.
0.70
——UI
2, 3
Maximum time between
the jitter median and
maximum deviation from
the median
TTX-EYE-MEDIAN-t
o-
MAX-JITTER
Jitter is defined as the
measurement variation of
the crossing points
(VPEDPPTX = 0 V) in
relation to a recovered TX
UI. A recovered TX UI is
calculated over 3500
consecutive unit intervals
of sample data. Jitter is
measured using all edges
of the 250 consecutive UI
in the center of the 3500
UI used for calculating the
TX UI.
—
—
0.15
UI
2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com