Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308VMAFDA Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8308VMAFDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMAFDA Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMAFDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
14
Freescale Semiconductor
DUART
Figure 6 shows the DDR2 SDRAM output timing diagram.
Figure 6. DDR2 SDRAM Output Timing Diagram
Figure 7 provides the AC test load for the DDR2 bus.
Figure 7. DDR2 AC Test Load
7DUART
This section describes the DC and AC electrical specifications for the DUART interface.
7.1
DUART DC Electrical Characteristics
Table 19 provides the DC electrical characteristics for the DUART interface.
Table 19. DUART DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2.1
NVDD + 0.3
V
Low-level input voltage NVDD
VIL
–0.3
0.8
V
High-level output voltage, IOH = –100 μAVOH
NVDD – 0.2
—
V
ADDR/CMD
tDDKHAS ,tDDKHCS
tDDKHMH
tDDKLDS
tDDKHDS
MDQ[x]/
MDQS[n]
MCK[n]
MCK[n]
tMCK
tDDKLDX
tDDKHDX
D1
D0
tDDKHAX ,tDDKHCX
Write A0
NOOP
tDDKHME
tDDKHMP
MECC[x]
Output
Z0 = 50 Ω
RL = 50 Ω
GVDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com